Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL2206-SM Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGL2206-SM
Description  2.0-5.5 GHz 100 Watt VPIN Limiter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2206-SM Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGL2206-SM Datasheet HTML 3Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 4Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 5Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 6Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 7Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 8Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 9Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 10Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TGL2206-SM
2.0-5.5 GHz 100 Watt VPIN Limiter
Datasheet: Rev - 05-14-14
- 8 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Mechanical Information (continued)
Mounting Configuration
Notes:
1.
Ground / thermal vias under the DUT are critical for the proper performance of this device.
2.
The EVB shown herein utilizes copper filled vias (8 mil diameter) under the DUT to maximize heat transfer
away from the DUT under large signal conditions.
3.
Thermal dissipation is low for normal non-limiting operation.


Similar Part No. - TGL2206-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2206-SM QORVO-TGL2206-SM Datasheet
557Kb / 8P
   2.0 ??5.5 GHz 100 Watt VPIN Limiter
TGL2206-SMEVB-01 QORVO-TGL2206-SMEVB-01 Datasheet
557Kb / 8P
   2.0 ??5.5 GHz 100 Watt VPIN Limiter
More results

Similar Description - TGL2206-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2206-SM QORVO-TGL2206-SM Datasheet
557Kb / 8P
   2.0 ??5.5 GHz 100 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2207-SM TRIQUINT-TGL2207-SM_15 Datasheet
1Mb / 11P
   2.0-6.5 GHz 100 Watt VPIN Limiter
TGL2205-SM TRIQUINT-TGL2205-SM_15 Datasheet
769Kb / 10P
   2-6 GHz 100 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2205-SM QORVO-TGL2205-SM Datasheet
729Kb / 9P
   2 ??6 GHz 100 Watt VPIN Limiter
TGL2210 QORVO-TGL2210 Datasheet
654Kb / 10P
   0.05 ??6 GHz 100 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2217 TRIQUINT-TGL2217 Datasheet
495Kb / 9P
   0.1??0 GHz 10 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
   0.1 ??20 GHz 10 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2209-SM TRIQUINT-TGL2209-SM Datasheet
1Mb / 9P
   8.0-12.0 GHz 50 Watt VPIN Limiter
TGL2217-SM TRIQUINT-TGL2217-SM Datasheet
1Mb / 9P
   0.1??0.0 GHz 10 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2217-SM QORVO-TGL2217-SM Datasheet
602Kb / 9P
   0.1 ??20 GHz 10 Watt VPIN Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com