Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL2207-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGL2207-SM
Description  2.0-6.5 GHz 100 Watt VPIN Limiter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2207-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGL2207-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGL2207-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGL2207-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGL2207-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGL2207-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGL2207-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGL2207-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGL2207-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGL2207-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TGL2207-SM
2.0-6.5 GHz 100 Watt VPIN Limiter
Datasheet: Rev - 05-14-14
- 2 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Value
Incident Power, CW or Pulsed, 50 Ω,
25 °C
100W
Incident Power, CW or Pulsed, 50 Ω,
85 °C
70W
Mounting Temperature
(30 Seconds)
320 °C
Storage Temperature
-40 to 150 °C
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device
at these conditions is not implied.
Recommended Operating Conditions
Parameter
Value
Passive – No bias
Electrical
specifications
are measured
at specified
test
conditions. Specifications are not guaranteed over all operating
conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25 C, Tuned EVB Results
Parameter
Min
Typical
Max
Units
Operational Frequency Range
2.0
6.5
GHz
Insertion Loss
< 1.0
dB
Input Return Loss
15
dB
Output Return Loss
15
dB
Flat Leakage Power at PIN > 30 dBm
< 15.5
dBm
Pulse Recovery Time
< 115
ns
Spike Leakage
< 16.0
dBm
Insertion Loss Temperature Coefficient
0.003
dB/ °C
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Incident Power
(168 Hours RF Operational Life Test (1))
Frequency = 4.5 GHz, CW, 50 Ω, 25 °C
31
W
Frequency = 4.5 GHz, Pulsed, PW=10 us,
DC=10%, 50 Ω, 25 °C
100
W
Notes:
1. Test was terminated at 168 hours. Insertion Loss remained ≤ 1 dB for device under test.


Similar Part No. - TGL2207-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL2201 TRIQUINT-TGL2201 Datasheet
197Kb / 5P
   Wideband Dual Stage VPIN Limiter
logo
Qorvo, Inc
TGL2201 QORVO-TGL2201 Datasheet
254Kb / 6P
   Wideband Dual Stage VPIN Limiter
logo
TriQuint Semiconductor
TGL2201-EPU TRIQUINT-TGL2201-EPU Datasheet
247Kb / 5P
   Wideband Dual Stage VPIN Limiter
TGL2201-SM TRIQUINT-TGL2201-SM Datasheet
1Mb / 11P
   Wideband Dual Stage VPIN Limiter
logo
Qorvo, Inc
TGL2201-SM QORVO-TGL2201-SM Datasheet
511Kb / 10P
   Wideband Dual Stage VPIN Limiter
More results

Similar Description - TGL2207-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2206-SM QORVO-TGL2206-SM Datasheet
557Kb / 8P
   2.0 ??5.5 GHz 100 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2206-SM TRIQUINT-TGL2206-SM_15 Datasheet
1Mb / 11P
   2.0-5.5 GHz 100 Watt VPIN Limiter
TGL2205-SM TRIQUINT-TGL2205-SM_15 Datasheet
769Kb / 10P
   2-6 GHz 100 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2205-SM QORVO-TGL2205-SM Datasheet
729Kb / 9P
   2 ??6 GHz 100 Watt VPIN Limiter
TGL2210 QORVO-TGL2210 Datasheet
654Kb / 10P
   0.05 ??6 GHz 100 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2217 TRIQUINT-TGL2217 Datasheet
495Kb / 9P
   0.1??0 GHz 10 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
   0.1 ??20 GHz 10 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2209-SM TRIQUINT-TGL2209-SM Datasheet
1Mb / 9P
   8.0-12.0 GHz 50 Watt VPIN Limiter
TGL2217-SM TRIQUINT-TGL2217-SM Datasheet
1Mb / 9P
   0.1??0.0 GHz 10 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2217-SM QORVO-TGL2217-SM Datasheet
602Kb / 9P
   0.1 ??20 GHz 10 Watt VPIN Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com