Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL2208-SM Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGL2208-SM
Description  2-20 GHz Dual Stage VPIN Limiter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2208-SM Datasheet(HTML) 9 Page - TriQuint Semiconductor

  TGL2208-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGL2208-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TGL2208-SM
2-20 GHz Dual Stage VPIN Limiter
Preliminary Datasheet: Rev-A 03-17-14
- 9 of 9 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein.
TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user.
All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and
information about TriQuint:
Web:
www.triquint.com
Tel:
+1.972.994.8465
Email: info-sales@triquint.com
Fax:
+1.972.994.8504
For technical questions and application information:
Email: info-products@triquint.com


Similar Part No. - TGL2208-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2208-SM QORVO-TGL2208-SM Datasheet
558Kb / 10P
   2 - 20 GHz Dual Stage VPIN Limiter
More results

Similar Description - TGL2208-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2208-SM QORVO-TGL2208-SM Datasheet
558Kb / 10P
   2 - 20 GHz Dual Stage VPIN Limiter
logo
TriQuint Semiconductor
TGL2201-SM TRIQUINT-TGL2201-SM Datasheet
1Mb / 11P
   Wideband Dual Stage VPIN Limiter
logo
Qorvo, Inc
TGL2201-SM QORVO-TGL2201-SM Datasheet
511Kb / 10P
   Wideband Dual Stage VPIN Limiter
TGL2201 QORVO-TGL2201 Datasheet
254Kb / 6P
   Wideband Dual Stage VPIN Limiter
logo
TriQuint Semiconductor
TGL2201-EPU TRIQUINT-TGL2201-EPU Datasheet
247Kb / 5P
   Wideband Dual Stage VPIN Limiter
TGL2201 TRIQUINT-TGL2201_15 Datasheet
197Kb / 5P
   Wideband Dual Stage VPIN Limiter
logo
Qorvo, Inc
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
   0.1 ??20 GHz 10 Watt VPIN Limiter
TGL2217-SM QORVO-TGL2217-SM Datasheet
602Kb / 9P
   0.1 ??20 GHz 10 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2205-SM TRIQUINT-TGL2205-SM_15 Datasheet
769Kb / 10P
   2-6 GHz 100 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2205-SM QORVO-TGL2205-SM Datasheet
729Kb / 9P
   2 ??6 GHz 100 Watt VPIN Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com