Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST333C1111 Datasheet(PDF) 3 Page - International Rectifier

Part # ST333C1111
Description  INVERTER GRADE THYRISTORS Hockey Puk Version
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST333C1111 Datasheet(HTML) 3 Page - International Rectifier

  ST333C1111 Datasheet HTML 1Page - International Rectifier ST333C1111 Datasheet HTML 2Page - International Rectifier ST333C1111 Datasheet HTML 3Page - International Rectifier ST333C1111 Datasheet HTML 4Page - International Rectifier ST333C1111 Datasheet HTML 5Page - International Rectifier ST333C1111 Datasheet HTML 6Page - International Rectifier ST333C1111 Datasheet HTML 7Page - International Rectifier ST333C1111 Datasheet HTML 8Page - International Rectifier ST333C1111 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST333C..C Series
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
V
V
mA
04
400
500
08
800
900
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Frequency
Units
50Hz
1630
1420
2520
2260
7610
6820
400Hz
1630
1390
2670
2330
4080
3600
1000Hz
1350
1090
2440
2120
2420
2100
A
2500Hz
720
550
1450
1220
1230
1027
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
V
DRM
V
DRM
V
DRM
Rise of on-state current di/dt
50
50
-
-
-
-
A/
µs
Heatsink temperature
40
55
40
55
40
55
°C
Equivalent values for RC circuit
10
Ω / 0.47µF
10
Ω / 0.47µF
10
Ω / 0.47µF
I
TM
180oel
180oel
100
µs
I
TM
I
TM
Current Carrying Capability
V
I
T(AV)
Max. average on-state current
720 (350)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (75)
°C
double side (single side) cooled
I
T(RMS)
Max. RMS on-state current
1435
DC @ 25°C heatsink temperature double side cooled
I
TSM
Max. peak, one half cycle,
11000
t = 10ms
No voltage
non-repetitive surge current
11500
A
t = 8.3ms
reapplied
9250
t = 10ms
100% V
RRM
9700
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
605
t = 10ms
No voltage
Initial T
J
= T
J
max
553
t = 8.3ms
reapplied
428
t = 10ms
100% V
RRM
391
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
6050
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
Parameter
ST333C..C
Units
Conditions
On-state Conduction
KA2s
ST333C..C
50
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - ST333C1111

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST333C VISHAY-ST333C Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
ST333C08CFL1 VISHAY-ST333C08CFL1 Datasheet
245Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
ST333C08CHK0 VISHAY-ST333C08CHK0 Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
ST333C08CHK0L VISHAY-ST333C08CHK0L Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
More results

Similar Description - ST333C1111

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST183C IRF-ST183C Datasheet
426Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST733C IRF-ST733C Datasheet
404Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST333CPBF VISHAY-ST333CPBF Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com