Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPDCT0026 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCT0026
Description  Power Divider
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCT0026 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPDCT0026_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCT0026_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCT0026_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2 Way 0º Power Divider
5-2400MHz
MAPDCT0026
V1
1
RoHS
Compliant
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 Surface Mount
 2 Way 0 degree
 260°C Reflow Compatible
 RoHS* Compliant
 RoHS version of MAPDCT0012.
 Available on Tape and Reel. Reel quantity 2000
Description
Ordering Information
Part Number
Package
MAPDCT0026TR
2000 piece reel
MAPD-007996-CT26TB
Customer Test Board
Note: Reference Application Note
M513 for reel size information.
Schematic
Pin No.
Function
1
Input
2
Not connected (ground)
3
Output 1
4
Output 2
5
Not connected (ground)
6
Ground
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-156


Similar Part No. - MAPDCT0026_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCT0026TR MA-COM-MAPDCT0026TR Datasheet
103Kb / 3P
   2 Way 0쨘 Power Divider 5-2400MHz
More results

Similar Description - MAPDCT0026_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
   Power divider
logo
American Accurate Compo...
JXWBGF-H-2-0.4-400 AAC-JXWBGF-H-2-0.4-400 Datasheet
88Kb / 1P
   Power Divider
JXWBGF-C-6-1-200 AAC-JXWBGF-C-6-1-200 Datasheet
83Kb / 1P
   Power Divider
logo
M/A-COM Technology Solu...
MAPDCT0013 MA-COM-MAPDCT0013_15 Datasheet
129Kb / 3P
   Power Divider
MAPDCT0033 MA-COM-MAPDCT0033_15 Datasheet
104Kb / 3P
   Power Divider
logo
American Accurate Compo...
JXWBGF-A-2-0.1-400 AAC-JXWBGF-A-2-0.1-400 Datasheet
99Kb / 1P
   Power Divider
JXWBGF-H-3-1-300 AAC-JXWBGF-H-3-1-300 Datasheet
80Kb / 1P
   Power Divider
JXWBGF-A-2-90-10.2-11.2 AAC-JXWBGF-A-2-90-10.2-11.2 Datasheet
94Kb / 1P
   Power Divider
JXWBGF-A-2-180-1-200 AAC-JXWBGF-A-2-180-1-200 Datasheet
104Kb / 1P
   Power Divider
logo
M/A-COM Technology Solu...
MAPDCT0030 MA-COM-MAPDCT0030_15 Datasheet
618Kb / 4P
   Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com