Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL8784-SCC Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGL8784-SCC
Description  2 - 20 GHz Analog Attenuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL8784-SCC Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGL8784-SCC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGL8784-SCC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGL8784-SCC_15 Datasheet HTML 8Page - TriQuint Semiconductor TGL8784-SCC_15 Datasheet HTML 9Page - TriQuint Semiconductor TGL8784-SCC_15 Datasheet HTML 10Page - TriQuint Semiconductor TGL8784-SCC_15 Datasheet HTML 11Page - TriQuint Semiconductor TGL8784-SCC_15 Datasheet HTML 12Page - TriQuint Semiconductor TGL8784-SCC_15 Datasheet HTML 13Page - TriQuint Semiconductor TGL8784-SCC_15 Datasheet HTML 14Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Product Data Sheet
11
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
TGL8784-SCC
EQUIVALENT
SCHEMATIC
Q1
100um
Q2
100um
Q3
150um
RF Input
RF Output
+Vc 0V +Vcc


Similar Part No. - TGL8784-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL8784-SCC TRIQUINT-TGL8784-SCC Datasheet
204Kb / 9P
   Analog Attenuator
More results

Similar Description - TGL8784-SCC_15

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC935LP5E HITTITE-HMC935LP5E Datasheet
960Kb / 6P
   180 Analog Phase Shifter, 2 - 20 GHz
logo
TriQuint Semiconductor
TGL4203-EPU TRIQUINT-TGL4203-EPU Datasheet
361Kb / 10P
   50 GHz Wideband Analog Attenuator
TGL4203 TRIQUINT-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
Qorvo, Inc
TGL4203 QORVO-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
TGL4203-SM QORVO-TGL4203-SM Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
logo
TriQuint Semiconductor
TGL4203-SM TRIQUINT-TGL4203-SM_15 Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
logo
Custom MMIC Design Serv...
CMD285C3 MMIC-CMD285C3 Datasheet
426Kb / 15P
   DC-20 GHz Voltage-Variable Attenuator
logo
Qorvo, Inc
CMD285C3 QORVO-CMD285C3 Datasheet
521Kb / 16P
   DC-20 GHz Voltage-Variable Attenuator
May 5, 2021
logo
TriQuint Semiconductor
TGL2616-SM TRIQUINT-TGL2616-SM_15 Datasheet
782Kb / 14P
   10-20 GHz 5-Bit Attenuator
TGL2616 TRIQUINT-TGL2616_15 Datasheet
718Kb / 11P
   10-20 GHz 5-Bit Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com