Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGP1439 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGP1439
Description  18 - 20 GHz 5-Bit Phase Shifter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGP1439 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGP1439_15 Datasheet HTML 1Page - TriQuint Semiconductor TGP1439_15 Datasheet HTML 2Page - TriQuint Semiconductor TGP1439_15 Datasheet HTML 3Page - TriQuint Semiconductor TGP1439_15 Datasheet HTML 4Page - TriQuint Semiconductor TGP1439_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TriQuint Semiconductor Texas : (972)994 8465 Fax (972)994 8504 Web: www.triquint.com
5
Product
Data Sheet
Chip Assembly and Bonding Diagram
Reflow process assembly notes:
•= AuSn (80/20) solder with limited exposure to temperatures at or above 300ΓC
•= alloy station or conveyor furnace with reducing atmosphere
•= no fluxes should be utilized
•= coefficient of thermal expansion matching is critical for long-term reliability
•= storage in dry nitrogen atmosphere
Component placement and adhesive attachment assembly notes:
•= vacuum pencils and/or vacuum collets preferred method of pick up
•= avoidance of air bridges during placement
•= force impact critical during auto placement
•= organic attachment can be used in low-power applications
•= curing should be done in a convection oven; proper exhaust is a safety concern
•= microwave or radiant curing should not be used because of differential heating
•= coefficient of thermal expansion matching is critical
Interconnect process assembly notes:
•= thermosonic ball bonding is the preferred interconnect technique
•= force, time, and ultrasonics are critical parameters
•= aluminum wire should not be used
•= discrete FET devices with small pad sizes should be bonded with 0.0007-inch wire
•= maximum stage temperature: 200ΓC
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
Recommend 500
series resistance
on the control lines
TGP1439


Similar Part No. - TGP1439_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP1439-EPU TRIQUINT-TGP1439-EPU Datasheet
937Kb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
More results

Similar Description - TGP1439_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC1439A TRIQUINT-TGC1439A Datasheet
927Kb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
TGP1439-EPU TRIQUINT-TGP1439-EPU Datasheet
937Kb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
   5-18 GHz Analog Phase Shifter
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
   5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
   5-18 GHz Analog Phase Shifter
August 23, 2021
logo
TriQuint Semiconductor
TGP2102 TRIQUINT-TGP2102_15 Datasheet
377Kb / 9P
   35 GHz 5-Bit Phase Shifter
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
logo
TriQuint Semiconductor
TGP2102-EPU TRIQUINT-TGP2102-EPU Datasheet
238Kb / 9P
   35 GHz 5-Bit Phase Shifter
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247_08 Datasheet
250Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
logo
Analog Devices
HMC247 AD-HMC247 Datasheet
330Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com