Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGP2103 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGP2103
Description  8.5 -11 GHz 6-bit Phase Shifter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGP2103 Datasheet(HTML) 9 Page - TriQuint Semiconductor

  TGP2103 Datasheet HTML 1Page - TriQuint Semiconductor TGP2103 Datasheet HTML 2Page - TriQuint Semiconductor TGP2103 Datasheet HTML 3Page - TriQuint Semiconductor TGP2103 Datasheet HTML 4Page - TriQuint Semiconductor TGP2103 Datasheet HTML 5Page - TriQuint Semiconductor TGP2103 Datasheet HTML 6Page - TriQuint Semiconductor TGP2103 Datasheet HTML 7Page - TriQuint Semiconductor TGP2103 Datasheet HTML 8Page - TriQuint Semiconductor TGP2103 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
TGP2103
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
Reflow process assembly notes:
• Use AuSn (80/20) solder with limited exposure to temperatures at or above 300°C.
(30 seconds maximum)
• An alloy station or conveyor furnace with reducing atmosphere should be used.
• No fluxes should be utilized.
• Coefficient of thermal expansion matching is critical for long-term reliability.
• Devices must be stored in a dry nitrogen atmosphere.
Component placement and adhesive attachment assembly notes:
• Vacuum pencils and/or vacuum collets are the preferred method of pick up.
• Air bridges must be avoided during placement.
• The force impact is critical during auto placement.
• Organic attachment can be used in low-power applications.
• Curing should be done in a convection oven; proper exhaust is a safety concern.
• Microwave or radiant curing should not be used because of differential heating.
• Coefficient of thermal expansion matching is critical.
Interconnect process assembly notes:
• Thermosonic ball bonding is the preferred interconnect technique.
• Force, time, and ultrasonics are critical parameters.
• Aluminum wire should not be used.
• Maximum stage temperature is 200°C.
Assembly Process Notes
TGP2103


Similar Part No. - TGP2103

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2103 TRIQUINT-TGP2103 Datasheet
331Kb / 9P
   8.5 - 11 GHz 6-Bit Phase Shifter
More results

Similar Description - TGP2103

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2103 TRIQUINT-TGP2103 Datasheet
331Kb / 9P
   8.5 - 11 GHz 6-Bit Phase Shifter
logo
Pasternack Enterprises,...
PE82P5001 PASTERNACK-PE82P5001 Datasheet
489Kb / 8P
   8 Bit Programmable Phase Shifter, 8.5 GHz to 11 GHz
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
Qorvo, Inc
TGP2105 QORVO-TGP2105 Datasheet
638Kb / 10P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
TriQuint Semiconductor
TGP2105-SM TRIQUINT-TGP2105-SM Datasheet
971Kb / 11P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
United Monolithic Semic...
CHP3015-QDG UMS-CHP3015-QDG Datasheet
1Mb / 14P
   8.5-10.5GHz Phase Shifter
logo
M/A-COM Technology Solu...
MAPS-010163 MA-COM-MAPS-010163 Datasheet
667Kb / 7P
   Digital Phase Shifter 6-Bit, 1.4 - 2.4 GHz
logo
Tyco Electronics
MAPCGM0005-DIE MACOM-MAPCGM0005-DIE Datasheet
309Kb / 7P
   6-Bit Digital Phase Shifter 7.0-12.0 GHz
logo
TriQuint Semiconductor
TGP2615-SM TRIQUINT-TGP2615-SM Datasheet
640Kb / 11P
   15-19 GHz 6-Bit Digital Phase Shifter
logo
Qorvo, Inc
TGP2109 QORVO-TGP2109 Datasheet
551Kb / 15P
   8-12 GHz 6-Bit Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com