Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGP2104 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGP2104
Description  30 -40 GHz 180Phase Shifter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGP2104 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGP2104_15 Datasheet HTML 1Page - TriQuint Semiconductor TGP2104_15 Datasheet HTML 2Page - TriQuint Semiconductor TGP2104_15 Datasheet HTML 3Page - TriQuint Semiconductor TGP2104_15 Datasheet HTML 4Page - TriQuint Semiconductor TGP2104_15 Datasheet HTML 5Page - TriQuint Semiconductor TGP2104_15 Datasheet HTML 6Page - TriQuint Semiconductor TGP2104_15 Datasheet HTML 7Page - TriQuint Semiconductor TGP2104_15 Datasheet HTML 8Page - TriQuint Semiconductor TGP2104_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
TGP2104
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Key Features and Performance
Frequency Range: 30-40 GHz
3.5 dB Nominal Insertion Loss
10 deg Phase Error @ 35 GHz
0. 1 dB Amplitude Error @ 35 GHz
Positive Control Voltage
0.25µm 3MI pHEMT Technology
Chip dimensions:
0.93 x 0.74 x 0.10 mm
(0.037 x 0.029 x 0.004 inches)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
30
31
32
33
34
35
36
37
38
39
40
Frequency (GHz)
140
145
150
155
160
165
170
175
180
185
190
Measured Performance
Primary Applications
Military Radar
Transmit / Receive
Product Description
The TriQuint TGP2104 is a 180° digital
phase shifter MMIC design using
TriQuint’s proven 0.25
μm Three Metal
Interconnect (3MI) pHEMT process. The
TGP2104 will support a variety of Ka-
Band phased array applications including
military radar.
This design utilizes a compact topology
that achieves a 0.69 mm2 die area and
high performance.
The TGP2104 provides a 180° digital
phase shift function with a nominal 3.5
dB insertion loss and maximum 15
°
phase shift error over a bandwidth of 30-
40 GHz.
The TGP2104 requires no off-chip
components and operates with a 5V
control voltage. Each device is RF tested
on-wafer to ensure performance
compliance. The device is available in
chip form.
Lead-Free and RoHS compliant
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
30
31
32
33
34
35
36
37
38
39
40
Frequency (GHz)
State 0
State 1
30 - 40 GHz 180 Phase Shifter
Datasheet subject to change without notice


Similar Part No. - TGP2104_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2100 TRIQUINT-TGP2100 Datasheet
368Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2100-EPU TRIQUINT-TGP2100-EPU Datasheet
221Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2100 TRIQUINT-TGP2100_15 Datasheet
368Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2102 TRIQUINT-TGP2102 Datasheet
377Kb / 9P
   35 GHz 5-Bit Phase Shifter
logo
Qorvo, Inc
TGP2102 QORVO-TGP2102 Datasheet
362Kb / 9P
   35 GHz 5-Bit Digital Phase Shifter
More results

Similar Description - TGP2104_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2100 TRIQUINT-TGP2100_15 Datasheet
368Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2100-EPU TRIQUINT-TGP2100-EPU Datasheet
221Kb / 9P
   30 GHz 5-Bit Phase Shifter
logo
Qorvo, Inc
CMD213 QORVO-CMD213 Datasheet
198Kb / 9P
   30-40 GHz Active Frequency Doubler
logo
Custom MMIC Design Serv...
CMD213 MMIC-CMD213 Datasheet
198Kb / 9P
   30-40 GHz Active Frequency Doubler
logo
Qorvo, Inc
QPX0003D QORVO-QPX0003D Datasheet
350Kb / 12P
   30-40 GHz I/Q Mixer
CMD247 QORVO-CMD247 Datasheet
261Kb / 10P
   30-40 GHz Low Phase Noise Amplifier
logo
Custom MMIC Design Serv...
CMD247 MMIC-CMD247 Datasheet
266Kb / 10P
   30-40 GHz Low Phase Noise Amplifier
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336_15 Datasheet
518Kb / 10P
   6 - 18 GHz Phase Shifter
logo
Tyco Electronics
MAPCGM0003-DIE MACOM-MAPCGM0003-DIE Datasheet
281Kb / 7P
   2.3-4.1 GHz Phase Shifter
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336 Datasheet
472Kb / 7P
   6 - 18 GHz Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com