Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGP2615 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGP2615
Description  15- to 19-GHz 6-Bit Digital Phase Shifter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGP2615 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGP2615 Datasheet HTML 1Page - TriQuint Semiconductor TGP2615 Datasheet HTML 2Page - TriQuint Semiconductor TGP2615 Datasheet HTML 3Page - TriQuint Semiconductor TGP2615 Datasheet HTML 4Page - TriQuint Semiconductor TGP2615 Datasheet HTML 5Page - TriQuint Semiconductor TGP2615 Datasheet HTML 6Page - TriQuint Semiconductor TGP2615 Datasheet HTML 7Page - TriQuint Semiconductor TGP2615 Datasheet HTML 8Page - TriQuint Semiconductor TGP2615 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TGP2615
15- to 19-GHz 6-Bit Digital Phase Shifter
Preliminary Datasheet: Rev - 07-11-14
- 3 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Channel Temperature (TCH)
TBASEPLATE = 85°C
85
°C
Median Lifetime (TM)
5.2E+9
Hrs
Notes:
1. Under normal (lifetime) operating conditions, self-heating is not a significant contributor to channel temperature.
Median Lifetime
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
25
50
75
100
125
150
175
200
Channel Temperature, T
CH (°C)
Median Lifetime vs. Channel Temperature
FET5


Similar Part No. - TGP2615

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2615-SM TRIQUINT-TGP2615-SM Datasheet
640Kb / 11P
   15-19 GHz 6-Bit Digital Phase Shifter
More results

Similar Description - TGP2615

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2615-SM TRIQUINT-TGP2615-SM Datasheet
640Kb / 11P
   15-19 GHz 6-Bit Digital Phase Shifter
TGP2107-SM TRIQUINT-TGP2107-SM Datasheet
980Kb / 11P
   6 to 18 GHz 6-Bit Digital Phase Shifter (?뭋C)
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
Qorvo, Inc
TGP2105 QORVO-TGP2105 Datasheet
638Kb / 10P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
M/A-COM Technology Solu...
MAPS-010163 MA-COM-MAPS-010163 Datasheet
667Kb / 7P
   Digital Phase Shifter 6-Bit, 1.4 - 2.4 GHz
logo
Tyco Electronics
MAPCGM0005-DIE MACOM-MAPCGM0005-DIE Datasheet
309Kb / 7P
   6-Bit Digital Phase Shifter 7.0-12.0 GHz
logo
TriQuint Semiconductor
TGP2105-SM TRIQUINT-TGP2105-SM Datasheet
971Kb / 11P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
Qorvo, Inc
TGP2109 QORVO-TGP2109 Datasheet
551Kb / 15P
   8-12 GHz 6-Bit Digital Phase Shifter
logo
M/A-COM Technology Solu...
MAPS-010166 MA-COM-MAPS-010166 Datasheet
671Kb / 7P
   Digital Phase Shifter 6-Bit, 8.0 - 12.0 GHz
MAPS-010164 MA-COM-MAPS-010164 Datasheet
663Kb / 7P
   Digital Phase Shifter 6-Bit, 2.3 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com