Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST780C Datasheet(PDF) 6 Page - International Rectifier

Part # ST780C
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST780C Datasheet(HTML) 6 Page - International Rectifier

  ST780C Datasheet HTML 1Page - International Rectifier ST780C Datasheet HTML 2Page - International Rectifier ST780C Datasheet HTML 3Page - International Rectifier ST780C Datasheet HTML 4Page - International Rectifier ST780C Datasheet HTML 5Page - International Rectifier ST780C Datasheet HTML 6Page - International Rectifier ST780C Datasheet HTML 7Page - International Rectifier ST780C Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ST780C..L Series
23
D-3453333
dv/dt
Maximum critical rate of rise of
off-state voltage
I
DRM
Max. peak reverse and off-state
I
RRM
leakage current
Blocking
500
V/
µs
T
J
= T
J
max. linear to 80% rated V
DRM
Parameter
ST780C..L
Units Conditions
80
mA
T
J
= T
J
max, rated V
DRM
/V
RRM
applied
P
GM
Maximum peak gate power
10.0
T
J
= T
J
max, t
p
5ms
P
G(AV)
Maximum average gate power
2.0
T
J
= T
J
max, f = 50Hz, d% = 50
I
GM
Max. peak positive gate current
3.0
A
T
J
= T
J
max, t
p
5ms
+V
GM
Maximum peak positive
gate voltage
-V
GM
Maximum peak negative
gate voltage
T
J
= - 40°C
mA
T
J
=
25°C
T
J
= 125°C
T
J
= - 40°C
V
T
J
=
25°C
T
J
= 125°C
I
GD
DC gate current not to trigger
10
mA
Parameter
ST780C..L
Units Conditions
20
5.0
Triggering
TYP.
MAX.
200
-
100
200
50
-
2.5
-
1.8
3.0
1.1
-
V
GD
DC gate voltage not to trigger
0.25
V
T
J
= T
J
max
Max. required gate trigger/ cur-
rent/ voltage are the lowest value
which will trigger all units 12V
anode-to-cathode applied
V
GT
DC gate voltage required
to trigger
I
GT
DC gate current required
to trigger
W
V
T
J
= T
J
max, t
p
5ms
Max. gate current/voltage not to
trigger is the max. value which
will not trigger any unit with rated
V
DRM
anode-to-cathode applied
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs
Max. thermal resistance,
0.073
DC operation single side cooled
junction to heatsink
0.031
DC operation double side cooled
R
thC-hs
Max. thermal resistance,
0.011
DC operation single side cooled
case to heatsink
0.006
DC operation double side cooled
F
Mounting force, ± 10%
14700
N
(1500)
(Kg)
wt
Approximate weight
255
g
Parameter
ST780C..L
Units
Conditions
K/W
°C
Case style
TO - 200AC (B-PUK)
See Outline Table
K/W
Thermal and Mechanical Specification
To Order
Index
Previous Datasheet
Next Data Sheet


Similar Part No. - ST780C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST780C..L VISHAY-ST780C..L Datasheet
167Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1350 A
Revision: 11-Aug-08
ST780C06L0LPBF VISHAY-ST780C06L0LPBF Datasheet
149Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1350 A
Revision: 11-Aug-08
ST780C06L0PBF VISHAY-ST780C06L0PBF Datasheet
149Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1350 A
Revision: 11-Aug-08
ST780C06L1LPBF VISHAY-ST780C06L1LPBF Datasheet
149Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1350 A
Revision: 11-Aug-08
ST780C06L1PBF VISHAY-ST780C06L1PBF Datasheet
149Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1350 A
Revision: 11-Aug-08
More results

Similar Description - ST780C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C11111 IRF-ST330C11111 Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST230C IRF-ST230C Datasheet
187Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com