Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS2351-SM Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGS2351-SM
Description  DC ??6 GHz High Power SPDT Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2351-SM Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGS2351-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGS2351-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGS2351-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS2351-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS2351-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS2351-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS2351-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS2351-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS2351-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TGS2351-SM
DC
– 6 GHz High Power SPDT Switch
Data Sheet: Rev A 06/20/12
- 4 of 13 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Typical Performance
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
Insertion Loss (On-State) vs. Frequency
Vc1 = -40 V, Vc2 = 0 V, +25 0C
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
Isolation (Off-State) vs. Frequency
Vc1 = 0 V, Vc2 = -40 V, +25 0C
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
Return Loss (Off-State) vs. Frequency
Vc1 = 0 V, Vc2 = -40 V, +25 0C
IRL
ORL
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
9
10
Frequency (GHz)
Return Loss (On-State) vs. Frequency
Vc1 = -40 V, Vc2 = 0 V, +25 0C
IRL
ORL
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
34
36
38
40
42
44
46
Input Power (dBm)
Loss Compression vs. Pin vs. Frequency
Vc1 = -40 V, Vc2 = 0 V, +25 0C
1 GHz
2 GHz
3 GHz
4 GHz
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
34
36
38
40
42
44
46
Input Power (dBm)
Loss Compression vs. Pin vs. Frequency
Vc1 = -40 V, Vc2 = 0 V, +25 0C
100 MHz
300 MHz
500 MHz
700 MHz
900 MHz


Similar Part No. - TGS2351-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2351-SM TRIQUINT-TGS2351-SM Datasheet
658Kb / 13P
   DC ??6 GHz High Power SPDT Switch
More results

Similar Description - TGS2351-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2351 TRIQUINT-TGS2351 Datasheet
446Kb / 11P
   DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM Datasheet
658Kb / 13P
   DC ??6 GHz High Power SPDT Switch
TGS2351 TRIQUINT-TGS2351_15 Datasheet
446Kb / 11P
   DC ??6 GHz High Power SPDT Switch
logo
Agilent(Hewlett-Packard...
HMMC-2006 HP-HMMC-2006 Datasheet
89Kb / 6P
   DC-6 GHz Unterminated SPDT Switch
logo
Hexawave, Inc
HWS398 HW-HWS398 Datasheet
116Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS452_V5 HW-HWS452_V5_15 Datasheet
60Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS468 HW-HWS468 Datasheet
141Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS468_V2 HW-HWS468_V2_15 Datasheet
60Kb / 2P
   GaAs DC-6 GHz SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com