Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS2352 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGS2352
Description  DC ??12 GHz High Power SPDT Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2352 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGS2352_15 Datasheet HTML 2Page - TriQuint Semiconductor TGS2352_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS2352_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS2352_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS2352_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS2352_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS2352_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS2352_15 Datasheet HTML 9Page - TriQuint Semiconductor TGS2352_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TGS2352
DC – 12 GHz High Power SPDT Switch
Bond Pad Description
1
2 3
4
5
6
7
Bond Pad
Symbol
Description
1
RF In
Input, matched to 50 ohms, DC coupled
2, 7
Vc2
Control voltage #2; can be biased from either side (bond pad 2 or bond pad 7), and non-
biased bond pad can be left opened; see Application Circuit on page 5 as an example
3, 6
Vc1
Control voltage #1; can be biased from either side (bond pad 3 or bond pad 6), and non-
biased bond pad can be left opened; see Application Circuit on page 5 as an example
4
RF Out1
Output #1, matched to 50 ohms, DC coupled
5
RF Out2
Output #2, matched to 50 ohms, DC coupled
Preliminary Data Sheet: Rev A 06/20/11
- 6 of 10 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®


Similar Part No. - TGS2352_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2352-2-SM TRIQUINT-TGS2352-2-SM Datasheet
701Kb / 11P
   0.5 to 12 GHz High Power SPDT Reflective Switch
TGS2352-2-SM TRIQUINT-TGS2352-2-SM_15 Datasheet
701Kb / 11P
   0.5 to 12 GHz High Power SPDT Reflective Switch
More results

Similar Description - TGS2352_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2352 TRIQUINT-TGS2352 Datasheet
558Kb / 10P
   DC ??12 GHz High Power SPDT Switch
TGS2351 TRIQUINT-TGS2351 Datasheet
446Kb / 11P
   DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM Datasheet
658Kb / 13P
   DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM_15 Datasheet
658Kb / 13P
   DC ??6 GHz High Power SPDT Switch
TGS2353 TRIQUINT-TGS2353 Datasheet
552Kb / 10P
   DC ??18 GHz High Power SPDT Switch
TGS2353 TRIQUINT-TGS2353_15 Datasheet
552Kb / 10P
   DC ??18 GHz High Power SPDT Switch
TGS2351 TRIQUINT-TGS2351_15 Datasheet
446Kb / 11P
   DC ??6 GHz High Power SPDT Switch
logo
Tyco Electronics
SW-279 MACOM-SW-279 Datasheet
29Kb / 2P
   High Power GaAs SPDT Switch DC - 2.5 GHz
SW-276 MACOM-SW-276 Datasheet
118Kb / 5P
   High Power GaAs SPDT Switch DC - 3.0 GHz
SW-106 MACOM-SW-106 Datasheet
105Kb / 3P
   High Power GaAs SPDT Switch DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com