Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS2353 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGS2353
Description  DC ??18 GHz High Power SPDT Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2353 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGS2353 Datasheet HTML 2Page - TriQuint Semiconductor TGS2353 Datasheet HTML 3Page - TriQuint Semiconductor TGS2353 Datasheet HTML 4Page - TriQuint Semiconductor TGS2353 Datasheet HTML 5Page - TriQuint Semiconductor TGS2353 Datasheet HTML 6Page - TriQuint Semiconductor TGS2353 Datasheet HTML 7Page - TriQuint Semiconductor TGS2353 Datasheet HTML 8Page - TriQuint Semiconductor TGS2353 Datasheet HTML 9Page - TriQuint Semiconductor TGS2353 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TGS2353
DC – 18 GHz High Power SPDT Switch
Product Compliance Information
ESD Information
ESD Rating:
TBD
Value:
Passes
≥ TBD V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
Solderability
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
• Lead Free
• Halogen Free (Chlorine, Bromine)
• Antimony Free
• TBBP-A (C15H12Br402) Free
• PFOS Free
• SVHC Free
ECCN
US Department of Commerce EAR99
Assembly Notes
Component placement and adhesive attachment assembly notes:
Vacuum pencils and/or vacuum collets are the preferred method of pick up.
Air bridges must be avoided during placement.
The force impact is critical during auto placement.
Organic attachment (i.e. epoxy) can be used in low-power applications.
Curing should be done in a convection oven; proper exhaust is a safety concern.
Reflow process assembly notes:
Use AuSn (80/20) solder and limit exposure to temperatures above 300
°C to 3-4 minutes, maximum.
An alloy station or conveyor furnace with reducing atmosphere should be used.
Do not use any kind of flux.
Coefficient of thermal expansion matching is critical for long-term reliability.
Devices must be stored in a dry nitrogen atmosphere.
Interconnect process assembly notes:
Thermosonic ball bonding is the preferred interconnect technique.
Force, time, and ultrasonics are critical parameters.
Aluminum wire should not be used.
Devices with small pad sizes should be bonded with 0.0007-inch wire.
Preliminary Data Sheet: Rev A 06/20/11
- 9 of 10 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®


Similar Part No. - TGS2353

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2353 TRIQUINT-TGS2353 Datasheet
552Kb / 10P
   DC ??18 GHz High Power SPDT Switch
TGS2353-2-SM TRIQUINT-TGS2353-2-SM Datasheet
803Kb / 11P
   0.5 to 18 GHz High Power SPDT Reflective Switch
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
   0.5 to 18 GHz High Power SPDT Reflective Switch
More results

Similar Description - TGS2353

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2353 TRIQUINT-TGS2353 Datasheet
552Kb / 10P
   DC ??18 GHz High Power SPDT Switch
logo
Custom MMIC Design Serv...
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
   DC-18 GHz SPDT Non-reflective Switch
logo
TriQuint Semiconductor
TGS2351 TRIQUINT-TGS2351 Datasheet
446Kb / 11P
   DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM Datasheet
658Kb / 13P
   DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM_15 Datasheet
658Kb / 13P
   DC ??6 GHz High Power SPDT Switch
TGS2352 TRIQUINT-TGS2352_15 Datasheet
558Kb / 10P
   DC ??12 GHz High Power SPDT Switch
TGS2351 TRIQUINT-TGS2351_15 Datasheet
446Kb / 11P
   DC ??6 GHz High Power SPDT Switch
TGS2352 TRIQUINT-TGS2352 Datasheet
558Kb / 10P
   DC ??12 GHz High Power SPDT Switch
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
   0.5 to 18 GHz High Power SPDT Reflective Switch
logo
Tyco Electronics
SW-279 MACOM-SW-279 Datasheet
29Kb / 2P
   High Power GaAs SPDT Switch DC - 2.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com