Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU3103 Datasheet(PDF) 8 Page - International Rectifier

Part # IRLU3103
Description  Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU3103 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRLU3103 Datasheet HTML 2Page - International Rectifier IRLU3103 Datasheet HTML 3Page - International Rectifier IRLU3103 Datasheet HTML 4Page - International Rectifier IRLU3103 Datasheet HTML 5Page - International Rectifier IRLU3103 Datasheet HTML 6Page - International Rectifier IRLU3103 Datasheet HTML 7Page - International Rectifier IRLU3103 Datasheet HTML 8Page - International Rectifier IRLU3103 Datasheet HTML 9Page - International Rectifier IRLU3103 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRLR/U3103
Package Outline
TO-252AA Outline
Dimensions are shown in millimeters (inches)
TO-252AA (D-PARK)
Part Marking Information
6.73 (.265)
6.35 (.250)
- A -
4
1
2
3
6.22 (.245)
5.97 (.235)
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 ( .010)
M A M B
4.57 (.180)
2.28 (.090)
2X
1.14 (.045)
0.76 (.030)
1.52 (.060)
1.15 (.045)
1.02 (.040)
1.64 (.025)
5.46 (.215)
5.21 (.205)
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1.14 (.045)
0.89 (.035)
0.58 (.023)
0.46 (.018)
6.45 (.245)
5.68 (.224)
0.51 (.020)
MIN.
0.58 (.023)
0.46 (.018)
LEA D AS SIG NME NT S
1 - G AT E
2 - DRA IN
3 - S OUR CE
4 - DRA IN
10.42 (.410)
9.40 (.370)
NOT ES:
1 DIME NSIO NING & T OLE RANCING P ER A NSI Y 14.5M, 1982.
2 CO NTRO LLING DIMENS ION : INCH.
3 CO NFO RMS T O JEDE C O UTLINE TO -252AA .
4 DIME NSIO NS S HO W N ARE BEF O RE SO LD ER DIP ,
SO LDER DIP MA X. +0.16 (.006).
INTER N ATIO N AL
R E CT IF IE R
L O GO
AS S EM B LY
L OT
CO D E
E XA M PL E : T HIS IS AN IR F R1 20
W IT H AS S EM B LY
L OT C OD E 9 U 1P
FIR ST P O RT IO N
OF PART NUMBER
SECO N D PO RT ION
OF PA RT NU MBE R
120
IR F R
9 U
1P
A


Similar Part No. - IRLU3103

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLU3103 ISC-IRLU3103 Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU3103PBF IRF-IRLU3103PBF Datasheet
292Kb / 11P
   Logic-Level Gate Drive
logo
VBsemi Electronics Co.,...
IRLU3103PBF VBSEMI-IRLU3103PBF Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRLU3103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRL3803 IRF-IRL3803 Datasheet
365Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRL2203N IRF-IRL2203N Datasheet
221Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL3803S IRF-IRL3803S Datasheet
436Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com