Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N31403M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N31403M
Description  Duplex Multimode 62.5-125 Fiber Patch Cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N31403M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N31403M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N31403M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 62.5/125 Fiber Patch Cable
(MTRJ/LC), 3M (10-ft.)
MODEL NUMBER: N314-03M
Description
Tripp Lite's 3-meter multimode duplex fiber optic MTRJ/LC patch cable is manufactured from 62.5/125 zipcord fiber. The cable has MTRJ to LC connectors, a
PVC jacket and is FDDI and OFNR rated. Duplex multimode fiber is most commonly used in LAN applications.
Features
Manufactured from 62.5/125 duplex (zipcord) fiber
PVC jacket
Length: 3-meter/Connectors: MTRJ to (2) LC
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Duplex multimode fiber is most commonly used in LAN applications where links are 10 feet or less
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Fiber Type
62.5/125 - OM1
Cable Type
Multimode
INPUT
Cable Length (ft.)
10
Highlights
Premium PVC 62.5/125µm
multimode patch cables
Attenuation loss meets or
exceeds the latest industry
standards
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with MT-RJ/LC connectors
Package Includes
3-meter Duplex MMF MTRJ/LC
62.5/125 Fiber Cable
1 / 2


Similar Part No. - N31403M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N31401M TRIPPLITE-N31401M Datasheet
477Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
N31402M TRIPPLITE-N31402M Datasheet
477Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
N31405M TRIPPLITE-N31405M Datasheet
478Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
N31409M TRIPPLITE-N31409M Datasheet
479Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
More results

Similar Description - N31403M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N31601M TRIPPLITE-N31601M Datasheet
476Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
N310003 TRIPPLITE-N310003 Datasheet
470Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
N30808M TRIPPLITE-N30808M Datasheet
472Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
N31015M TRIPPLITE-N31015M Datasheet
472Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
N31030M TRIPPLITE-N31030M Datasheet
473Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
N31201M TRIPPLITE-N31201M Datasheet
480Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
N31602M TRIPPLITE-N31602M Datasheet
476Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
N31011M TRIPPLITE-N31011M Datasheet
471Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
N31605M TRIPPLITE-N31605M Datasheet
475Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
N308006 TRIPPLITE-N308006 Datasheet
473Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com