Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST700C16L2 Datasheet(PDF) 6 Page - International Rectifier

Part # ST700C16L2
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST700C16L2 Datasheet(HTML) 6 Page - International Rectifier

  ST700C16L2 Datasheet HTML 1Page - International Rectifier ST700C16L2 Datasheet HTML 2Page - International Rectifier ST700C16L2 Datasheet HTML 3Page - International Rectifier ST700C16L2 Datasheet HTML 4Page - International Rectifier ST700C16L2 Datasheet HTML 5Page - International Rectifier ST700C16L2 Datasheet HTML 6Page - International Rectifier ST700C16L2 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ST700C..L Series
6
www.irf.com
Bulletin I25190 rev. D 04/00
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5- On-state Power Loss Characteristics
Fig. 6- On-state Power Loss Characteristics
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
400
80 0
120 0
1 6 0 0
2 0 0 0
DC
30 °
60 °
90 °
120 °
18 0 °
A v er a g e O n -st a te C urre n t ( A )
C o nd u ction Pe riod
ST 700C ..L Se ries
( D oub le S id e C o oled )
R
( D C ) = 0.031 K / W
thJ -hs
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
200
400
600
800
1000
1200
30 °
60 °
90°
120°
180 °
Average O n-sta te Current (A)
Co nd uc tio n A ng le
ST70 0C..L Series
(Double Side Cooled )
R
(DC) = 0 .03 1 K/W
thJ - hs
0
400
800
1200
1600
2000
2400
2800
0
2 00
40 0
600
80 0
1000
1200
180°
120°
90°
60°
30°
RMS L im it
Co nd uct io n A ng le
Av erage On -state Curren t (A)
ST7 00C..L Series
T = 1 25°C
J
0
500
1000
1500
2000
2500
3000
3500
0
400
800
1200
1600
2000
DC
180°
120°
90°
60°
30°
RM S Lim it
C o nd uc tion Pe riod
Avera ge On -state Curren t (A)
ST70 0C..L Series
T = 12 5°C
J
60 00
70 00
80 00
90 00
10 000
11 000
12 000
13 000
14 000
1
1 0
100
N um b er O f E q ua l A m p litud e H a lf C ycle C urren t Pulses (N )
In it ia l T = 1 2 5 ° C
@ 60 H z 0 .00 83 s
@ 50 H z 0 .01 00 s
J
S T 700C ..L S e ries
At An y R a t e d L o a d C o n d itio n An d W it h
R a t e d V
A pplie d Fo llo w in g Su rg e .
RRM
6000
7000
8000
9000
10000
11000
12000
13000
14000
15000
16000
0.01
0.1
1
P u lse T ra in D u ra tio n ( s)
V e rsu s P ulse T ra in D u ra t io n . C o n t ro l
O f C o n d u c tio n M a y N o t Be M a in ta in e d .
In it ia l T = 1 2 5 ° C
N o V o lta g e Re a p p lie d
Ra t e d V
R e a p p lie d
RRM
J
ST 7 0 0 C ..L Se rie s
M a x im u m N o n R e p e t it iv e Su rg e C u rre n t


Similar Part No. - ST700C16L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST700C..L VISHAY-ST700C..L Datasheet
169Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 910 A
Revision: 11-Aug-08
ST700C20L0LPBF VISHAY-ST700C20L0LPBF Datasheet
151Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 910 A
Revision: 11-Aug-08
ST700C20L0PBF VISHAY-ST700C20L0PBF Datasheet
151Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 910 A
Revision: 11-Aug-08
ST700C20L1LPBF VISHAY-ST700C20L1LPBF Datasheet
151Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 910 A
Revision: 11-Aug-08
ST700C20L1PBF VISHAY-ST700C20L1PBF Datasheet
151Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 910 A
Revision: 11-Aug-08
More results

Similar Description - ST700C16L2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C11111 IRF-ST330C11111 Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST780C IRF-ST780C Datasheet
263Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST230C IRF-ST230C Datasheet
187Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com