Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN827 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN827
Description  A 500W HIGH POWER FACTOR WITH THE L4981A
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN827 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN827 Datasheet HTML 6Page - STMicroelectronics AN827 Datasheet HTML 7Page - STMicroelectronics AN827 Datasheet HTML 8Page - STMicroelectronics AN827 Datasheet HTML 9Page - STMicroelectronics AN827 Datasheet HTML 10Page - STMicroelectronics AN827 Datasheet HTML 11Page - STMicroelectronics AN827 Datasheet HTML 12Page - STMicroelectronics AN827 Datasheet HTML 13Page - STMicroelectronics AN827 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AN827 APPLICATION NOTE
10/20
use C9 = 680pF
Pin 6 LFF (Load feed-forward input)
This pin allows the modification of the multiplier output current proportionally to the load in order to improve the
load transient response time. This function is not used in this circuit and the pin is connected to VREF.
Pin 7 VRMS (Voltage input)
This function is very useful for universal input mains applications to compensate the gain variation related to
the input voltage change. This pin is connected through an external network to the rectified line input. The best
control is achieved when the VRMS voltage level is in the range of 1.5 to 5.5V.
To avoid the rectified mains line ripple (2f), a two pole low-pass filter is realized with R3-R6 and C1-2. The lowest
pole is set near 3Hz and the highest pole near 13 Hz to reduce the gain to -80dB at 100 Hz.
Where:
R3 = 33k
Ω, R4 = 360kΩ, R5 = R6 = 620kΩ,
C1 = C2 = 220nF
At 88 Vrms, Vpin7 = 1.78 Vrms
At 264 Vrms, Vpin7 = 5.33 Vrms
Gain at 2f (100Hz) = -80dB
For single mains operation, this pin can be connected directly to Vref (pin 11) or to ground and the RC network
can be removed. If connected to ground, the Vrms multiplier input is clamped at 1.5V.
Pin 8 MULT-OUT (Output of the Multiplier)
This pin delivers the current Imult that is used to fix the reference voltage for the current amplifier. Pin 8 is con-
nected through R14 to the negative side of the sense resistor, R30-32, to sum the (IL · Rs) and the (Imult · R14)
signals, where IL is the inductor current. The sum is the error voltage signal at the current amplifier non-inverting
input. The multiplier output current is determined by the equation given below:
f
z
f
sw
4
π
--------
1
2
π C9 R15
⋅⋅
--------------------------------------- therefore,
==
C9
2
R15 f
Sw
------------------------
692pF
==
V
rm s pin 7
R3
R3
R4
R5
R6
+++
---------------------------------------------------

 V
rmsline
=
f
pole1
1
R5
R6
+
() C2
----------------------------------------
3.66Hz
==
f
pole 2
1
R4 C1
--------------------
12.6 3.66
()Hz
==
I
mu lt
0.37 I
AC
V
v a
out
1.28V
() 0.8 V
lf f
1.28 V
()
V
rm s
2
---------------------------------------------------------------------------------------------------
I
IAC
V
v a
out
1.28V
()
V
rms
2
------------------------------------------------
=
⋅⋅
=


Similar Part No. - AN827

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN82 SILABS-AN82 Datasheet
60Kb / 4P
   HIGH-DENSITY MULTI CHANNEL OC-48 LAYOUT GUIDELINES FOR THE Si5100 AND Si5110
logo
STMicroelectronics
AN820 STMICROELECTRONICS-AN820 Datasheet
46Kb / 5P
   In cars, the number of functions carried out by electronic components
logo
ZF Friedrichshafen AG
AN820001 ZFSWITCHES-AN820001 Datasheet
371Kb / 2P
   Programmable, non-contact magnetic position sensors capable of continuous rotation
AN820002 ZFSWITCHES-AN820002 Datasheet
371Kb / 2P
   Programmable, non-contact magnetic position sensors capable of continuous rotation
AN820003 ZFSWITCHES-AN820003 Datasheet
371Kb / 2P
   Programmable, non-contact magnetic position sensors capable of continuous rotation
More results

Similar Description - AN827

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4496 STMICROELECTRONICS-AN4496 Datasheet
371Kb / 18P
   How to get a high power factor with the HVLED815PF device
AN832 STMICROELECTRONICS-AN832 Datasheet
34Kb / 3P
   L4981A SYNCHRONIZATION
logo
MicroPower Direct, LLC
MPO-500S MPD-MPO-500S Datasheet
1Mb / 4P
   Single Output, 500W Power Factor Corrected, AC/DC Power Supplies
logo
STMicroelectronics
AN628 STMICROELECTRONICS-AN628 Datasheet
784Kb / 35P
   DESIGNING A HIGH POWER FACTOR SWITCHING
logo
MicroPower Direct, LLC
MPA500R MPD-MPA500R Datasheet
381Kb / 2P
   Industrial 500W Single Output Power Factor Corrected AC/DC Power Supplies
logo
STMicroelectronics
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
   High power factor flyback converter using the L6564
logo
Communications & Power ...
VZU-6995AY CPI-VZU-6995AY Datasheet
159Kb / 2P
   500W Compact High Power Amplifier
logo
List of Unclassifed Man...
R4S-500G1V2 ETC2-R4S-500G1V2 Datasheet
319Kb / 13P
   500W500W Mini Redundant Power Supply
R4B-500G1V2 ETC2-R4B-500G1V2 Datasheet
328Kb / 13P
   500W500W Mini Redundant Power Supply
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com