Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1376 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 2Page - STMicroelectronics AN1376 Datasheet HTML 3Page - STMicroelectronics AN1376 Datasheet HTML 4Page - STMicroelectronics AN1376 Datasheet HTML 5Page - STMicroelectronics AN1376 Datasheet HTML 6Page - STMicroelectronics AN1376 Datasheet HTML 7Page - STMicroelectronics AN1376 Datasheet HTML 8Page - STMicroelectronics AN1376 Datasheet HTML 9Page - STMicroelectronics AN1376 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
AN1376 APPLICATION NOTE
6/35
The maximum PIV of the diodes has been measured during the worst operating condition and
it is indicated on the right of each picture. The margin, with respect to the maximum voltage
sustained by the diodes, assures a safe operating condition for the devices.
Here following the most salient controller IC signals are depicted. In both the pictures is pos-
sible to distinguish clean waveforms free of hard spikes or noise that could affect the controller
correct operation.
Figure 5. Vin = 115 Vrms - 50 Hz
Vin = 220 Vrms - 50 Hz
4
CROSS REGULATION
In the following tables the output voltage cross regulation is measured with static and dynamic
loads and the overall efficiency of the converter measured at different input voltages. All the
output voltages have been measured after the load connector soldering point of the STB
motherboard. The length of the connection cable is 100 mm.
FULL LOAD
Vout [V} =
30.06
7.23
12.297
3.278
4.492
Vin [Vrms]=
115
Iout [A] =
0.015
0.500
0.702
2.073
1.103
Iin [Arms] =
0.51
Pout [W] =
0.451
3.615
8.632
6.795
4.955
Pin [W] =
36.0
VUNREG =
37.2
PoutTOT [W] = 24.448
VC11 =
11.88
EFF. = 67.91%
fS = 41÷51 kHz
ALL VOLTAGES ARE WITHIN TOLERANCE
CH1:
VPIN5 - ZCD
CH2:
VPIN4 - ISENSE
CH3:
VPIN7 - OUT
CH4:
VPIN2 - COMP


Similar Part No. - AN1376

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN137 SILABS-AN137 Datasheet
380Kb / 36P
   LITHIUM ION BATTERY CHARGER USING C8051F300
logo
List of Unclassifed Man...
AN1375-521P ETC1-AN1375-521P Datasheet
39Kb / 1P
   AN0625-521P
logo
STMicroelectronics
AN1379 STMICROELECTRONICS-AN1379 Datasheet
264Kb / 10P
   Z01 and ACS behavior compared under fast voltage transients
More results

Similar Description - AN1376

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
   QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
logo
Allegro MicroSystems
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
   Automotive Quasi-Resonant Flyback Control IC
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342_V01 Datasheet
1Mb / 43P
   Quasi-Resonant Flyback Controller, High Frequency
May, 2022 - Rev. 24
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
   High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
   High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
NCP1343 ONSEMI-NCP1343_V01 Datasheet
782Kb / 43P
   High Frequency Quasi- Resonant Flyback Controller
July, 2021 - Rev. 4
logo
Cirrus Logic
CRD1610-8W CIRRUS-CRD1610-8W Datasheet
1Mb / 24P
   Quasi-resonant Flyback with Constant-current Output
logo
Allegro MicroSystems
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STR-G6651 ALLEGRO-STR-G6651 Datasheet
175Kb / 8P
   OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
logo
Cirrus Logic
CRD1611-8W CIRRUS-CRD1611-8W Datasheet
1Mb / 25P
   Quasi-resonant Flyback with Constant-current Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com