Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22S Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # M22S
Description  Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

M22S Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  M22S Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TCXO [ Temperature Compensated Crystal Oscillators ]
M22S series
1.8 V
SMD Clipped Sine wave
2.2 x 2.0 x 0.7 mm
Input Voltage ( VDD)
1.8 V ± 5 %
General Specifications
Paramenters
Electrical Spec.
± 5.0 ppm
○○
○○
○○
Features
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
Frequency Range
13.0 MHz ~ 40.0 MHz
Output Wave Form
Clipped Sine wave output
Output Voltage Level ( peak to peak )
0.8 V p-p ( min. )
Frequency Stability ( ppm )
± 0.5 ppm ± 1.0 ppm ± 1.5 ppm
Frequency Stability vs Temperature
0°C to 50°C
○○○○
± 2.0 ppm ± 2.5 ppm ± 3.0 ppm
-10°C to 60°C
△○○○
: available
-20°C to 70°C
X
○○○○
: please contact us
-30°C to 75°C
X
○○
○○
X : not available
-40°C to 85°C
XX
○○○○○
± 1.0 ppm max. , 1 reflow and measured 24 hours afterwards .
Current Consumption ( max. )
Frequency Stability
vs Aging
± 1.0 ppm / year max. at 25C
vs Voltage Change
± 0.2 ppm max. , for a ±5% input voltage change .
vs Load Change
± 0.2 ppm max. , for a ±10% load condition change .
vs Reflow ( SMD type )
13 ~ 26.0 MHz
26.01 ~ 40.0 MHz
2.0 Ma
2.5 mA
Output Load
10 KΩ // 10 pF ± 10%
Start - Up Time ( Ts )
2.0 m sec. ( typ.) , 5.0 m sec. ( max.)
100KHz 1 MHz
Rise Time ( Tr ) / Fall Time ( Tf )
10 n sec. (max.)
Output Format
DC block, AC coupled.
Output Format
DC block , AC coupled
Storage Temperature
- 50°C to 100°C
Aging
± 3 ppm per year (max.)
Phase Noise ( typical ) [ 10.000 MHz ]
Offset
10 Hz 100 Hz
-142
1K Hz 10 KHz
Mercury www .mercury-crystal.com
Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
10 MHz
dBc / Hz
-80
-115
-135
-138
Outline Dimensions
( Unit : mm )
-148
-150


Similar Part No. - M22S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M22S-DR-B ETC2-M22S-DR-B Datasheet
5Mb / 89P
   Pushbuttons and Indicating Lights
M22S-DR-G ETC2-M22S-DR-G Datasheet
5Mb / 89P
   Pushbuttons and Indicating Lights
M22S-DR-R ETC2-M22S-DR-R Datasheet
5Mb / 89P
   Pushbuttons and Indicating Lights
M22S-DR-S ETC2-M22S-DR-S Datasheet
5Mb / 89P
   Pushbuttons and Indicating Lights
M22S-DR-W ETC2-M22S-DR-W Datasheet
5Mb / 89P
   Pushbuttons and Indicating Lights
More results

Similar Description - M22S

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
VM32S MERCURY-VM32S Datasheet
104Kb / 1P
   Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM47S MERCURY-VM47S Datasheet
98Kb / 1P
   Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM8S MERCURY-VM8S Datasheet
107Kb / 1P
   Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM22S MERCURY-VM22S Datasheet
103Kb / 1P
   Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM39S MERCURY-VM39S Datasheet
98Kb / 1P
   Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM62S MERCURY-VM62S Datasheet
101Kb / 1P
   Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM14S MERCURY-VM14S Datasheet
103Kb / 1P
   Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM15S MERCURY-VM15S Datasheet
105Kb / 1P
   Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
M32S MERCURY-M32S Datasheet
175Kb / 1P
   Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
VM53S MERCURY-VM53S Datasheet
104Kb / 1P
   Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com