Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLM-2835UXX-02-38-12V-W Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLM-2835UXX-02-38-12V-W
Description  LED Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLM-2835UXX-02-38-12V-W Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLM-2835UXX-02-38-12V-W Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-2835UXX-02-38-12V-W Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-2835UXX-02-38-12V-W Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-2835UXX-02-38-12V-W Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
■Rating Electrical/Optical Characteristics(1 PCS)
■ Rating Electrical/Optical Characteristics(40 PCS)
Notes
1. Testing environment temperature: 25±2
2. The above data are typical values; the actual data of each single product could differ from the typical values.
The data subject to change without prior notice.
Page
3/4
28.8W
2400
220g
2.72m±0.1m
LED Color
60
45.0*13.0*7.6
Red
Working Current
(mA/piece)
0.72
Color Temperature(K)
Wavelength(nm)
Luminous Flux(lm/piece)
CRI
Luminous Efficiency(lm/W)
Power(W/piece)
Beam Angle (°)
Working Voltage (V )
Operation Temperature(
℃)
Input Current(mA)
Life Time(hrs)
Dimension:(mm)
CE (NO: E8 06 01 57489 001)
-25~+60
5.5
LED Quantity(pcs)
IP Grade
1
13000
Weight
Power Dissipation
Total Length
Approval
net weight:(g)
Rev.
Http://www.foryard.com
Model No.
:FYLM-2835UXX-02-38-12V-W
A
IP 66
FYLM-2835UXX-02-38-12V-W
620~625
White
10.5
-
Item
Red
Model No.
160
14.5
6000
White
70
≥75
97
DC12


Similar Part No. - FYLM-2835UXX-02-38-12V-W

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLM-2835UXX-03-48-12V-W FORYARD-FYLM-2835UXX-03-48-12V-W Datasheet
1Mb / 4P
   LED Module
More results

Similar Description - FYLM-2835UXX-02-38-12V-W

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS-MDR3W-W5DLS1C1A OPTOSUPPLY-OS-MDR3W-W5DLS1C1A Datasheet
201Kb / 3P
   LED MODULE
logo
Ningbo Foryard Optoelec...
FYLM-5050UXX-03-16-12V-W FORYARD-FYLM-5050UXX-03-16-12V-W Datasheet
1Mb / 4P
   LED Module
logo
OptoSupply Internationa...
OS-MDS3W-W5DTS4C1A OPTOSUPPLY-OS-MDS3W-W5DTS4C1A Datasheet
272Kb / 3P
   LED MODULE
logo
Ningbo Foryard Optoelec...
FYLM-2835UXX-03-48-12V-W FORYARD-FYLM-2835UXX-03-48-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-5050UXX-01-16-12V-W FORYARD-FYLM-5050UXX-01-16-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-5630UXX-02-06-12V-W FORYARD-FYLM-5630UXX-02-06-12V-W Datasheet
1,012Kb / 4P
   LED Module
FYLM-1134UX3C-03-03-12V-W FORYARD-FYLM-1134UX3C-03-03-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-3528UXX-02-16-12V-W FORYARD-FYLM-3528UXX-02-16-12V-W Datasheet
1Mb / 4P
   LED Module
FYLM-5050UXX-01-11-12V-W FORYARD-FYLM-5050UXX-01-11-12V-W Datasheet
933Kb / 4P
   LED Module
FYLM-2828UWC-01-16-12V-W FORYARD-FYLM-2828UWC-01-16-12V-W Datasheet
1Mb / 4P
   LED Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com