Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYT5-5050UW3-B-35 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYT5-5050UW3-B-35
Description  T5 LED tube
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYT5-5050UW3-B-35 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYT5-5050UW3-B-35 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT5-5050UW3-B-35 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT5-5050UW3-B-35 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT5-5050UW3-B-35 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT5-5050UW3-B-35 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model. No.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD.
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page
1/5
Model No.
:FYT5-5050UW3-B-35
PRODUCT SPECIFICATION
Product Description
LED Tube Specifications
FYT5-5050UW3-B-35
A
Rev.
Http://www.foryard.com
PREPARED BY
APPROVED BY
■ T5 LED tube
CHECKED BY
CUSTOMER
APPROVED
SIGNATURES


Similar Part No. - FYT5-5050UW3-B-35

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-2431AX-00 FORYARD-FYT-2431AX-00 Datasheet
405Kb / 5P
   0.24 Inch (6.00mm) digit height Single Digit Display
FYT-2431AX-01 FORYARD-FYT-2431AX-01 Datasheet
405Kb / 5P
   0.24 Inch (6.00mm) digit height Single Digit Display
FYT-2431AX-02 FORYARD-FYT-2431AX-02 Datasheet
405Kb / 5P
   0.24 Inch (6.00mm) digit height Single Digit Display
FYT-2431AX-03 FORYARD-FYT-2431AX-03 Datasheet
405Kb / 5P
   0.24 Inch (6.00mm) digit height Single Digit Display
FYT-2431AX-04 FORYARD-FYT-2431AX-04 Datasheet
405Kb / 5P
   0.24 Inch (6.00mm) digit height Single Digit Display
More results

Similar Description - FYT5-5050UW3-B-35

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM7162AL HMSEMI-HM7162AL Datasheet
1Mb / 13P
   T5/T8 series LED fluorescent tube
logo
OptoSupply Internationa...
OST05WG01GD-XXXXT531B OPTOSUPPLY-OST05WG01GD-XXXXT531B Datasheet
1Mb / 2P
   T5 Round AUTO LED
OST05WG01GD-R5RUT5E1B OPTOSUPPLY-OST05WG01GD-R5RUT5E1B Datasheet
1Mb / 2P
   T5 Flat AUTO LED
OST05WG01GD-R5RUT5C1B OPTOSUPPLY-OST05WG01GD-R5RUT5C1B Datasheet
1Mb / 2P
   T5 Concave AUTO LED
OST05WG01GD-R5RUT531B OPTOSUPPLY-OST05WG01GD-R5RUT531B Datasheet
1Mb / 2P
   T5 Round AUTO LED
logo
Dialight Corporation
586-1201-201F DIALIGHT-586-1201-201F Datasheet
124Kb / 2P
   BASED LED T1 3/4 WEDGE (T5)
logo
Everlight Electronics C...
OL-STRIPE EVERLIGHT-OL-STRIPE Datasheet
268Kb / 5P
   The light source of the OL-Stripe series is suggested the Everlight LED T5 Cobra light tube.
OL-WEDGE EVERLIGHT-OL-WEDGE Datasheet
344Kb / 5P
   The light source of the OL-Wedge series is suggested the Everlight LED T5 Cobra light tube.
logo
Dialight Corporation
586-1A01-101F DIALIGHT-586-1A01-101F Datasheet
118Kb / 2P
   SINGLE CHIP BASED LED T1 3/4 WEDGE (T5)
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
   T8 LED tube
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com