Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1897 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1897
Description  In the past few years, many consumer products have been provided
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1897 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1897 Datasheet HTML 1Page - STMicroelectronics AN1897 Datasheet HTML 2Page - STMicroelectronics AN1897 Datasheet HTML 3Page - STMicroelectronics AN1897 Datasheet HTML 4Page - STMicroelectronics AN1897 Datasheet HTML 5Page - STMicroelectronics AN1897 Datasheet HTML 6Page - STMicroelectronics AN1897 Datasheet HTML 7Page - STMicroelectronics AN1897 Datasheet HTML 8Page - STMicroelectronics AN1897 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Application description and design
AN1897
4/17
DocID10240 Rev 2
Figure 2. VIPer22A-E FB pin internal structure
1.1.5
Primary driver
In a flyback power supply, the transformer is used as an energy tank during the on-time of
the MOSFET. When the MOSFET turns off, its drain voltage rises from a low value to the
input voltage while the secondary diode conducts, transferring to the secondary side the
magnetic energy stored in the transformer. Since primary and secondary windings are not
magnetically coupled, there is a serial leakage inductance that behaves like an open
inductor charged at Ipk, causing the voltage spikes on the MOSFET drain. These voltage
spikes must be clamped to keep the VIPer22A-E drain voltage below the BVdss (730 V)
rating. If the peak voltage is higher than this value, the device is destroyed. The RCD clamp
(see Figure 4) is a very simple and cheap solution, but it impacts on the efficiency and on
the power dissipation in standby condition. Besides, the clamping voltage varies according
to the load current. RCD clamp circuits may allow the drain voltage to exceed the
breakdown rating of the VIPer22A-E during the overload operation or during turn-on with
high line AC input voltage. A Zener clamp is recommended (see Figure 5). However this
solution gives higher power dissipation at full load, even if the clamp voltage is exactly
defined.
1.2
Transformer consideration
On the electrical specifications of a multiple output transformer (cross-regulation, leakage
inductance), the main efforts focused on the proper coupling between the windings. A lower
leakage inductance transformer allows a lower power clamp to reduce the input power. It l
leads to lower power dissipation on the primary side. Auxiliary and secondary windings are
swapped in order to decrease the coupling to the primary one. The secondary windings act
as a shielding layer to reduce the capacitive coupling. Fewer spikes are generated on the
auxiliary windings, the primary and secondary windings have better coupling.


Similar Part No. - AN1897

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1894 STMICROELECTRONICS-AN1894 Datasheet
310Kb / 14P
   BUCK-BOOST CONVERTER REFERENCE BOARD
AN1895 STMICROELECTRONICS-AN1895 Datasheet
411Kb / 16P
   EVAL6562-375W Evaluation Board
More results

Similar Description - AN1897

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1278 STMICROELECTRONICS-AN1278 Datasheet
303Kb / 44P
   Many mechanical components in the automotive sector have been replaced
AN4230 STMICROELECTRONICS-AN4230 Datasheet
705Kb / 24P
   Many standards have created requirements and references for the construction
logo
List of Unclassifed Man...
810-00022X ETC1-810-00022X Datasheet
622Kb / 5P
   X-Cite® illuminators have been qualified for the following microscopes:
June 2021
logo
Kyocera Kinseki Corpota...
CX2016DB KSS-CX2016DB Datasheet
125Kb / 1P
   2.0횞1.6mm for Consumer Products
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
   3.2횞2.5mm for Consumer Products
CX1612SB KSS-CX1612SB Datasheet
583Kb / 1P
   1.6횞1.2mm for Consumer Products
CX2520DB KSS-CX2520DB Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
logo
EHAOAN.
HS0038B-A EHAOAN-HS0038B-A Datasheet
1Mb / 8P
   Modules have been implemented using resin molds.
logo
Laird Tech Smart Techno...
BTM44X LSTD-BTM44X Datasheet
1Mb / 28P
   modules from Laird Technologies have been designed to meet the needs of developers
logo
Ohmite Mfg. Co.
RES-SUPERMOX OHMITE-RES-SUPERMOX Datasheet
319Kb / 2P
   High-voltage Super Mox resistors have been developed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com