Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OC22T Datasheet(PDF) 2 Page - Mercury United Electronics Inc

Part # OC22T
Description  Mercury OC22T is 50.8X50.8 mm 7 pin solder sealed metal pacakge with
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

OC22T Datasheet(HTML) 2 Page - Mercury United Electronics Inc

  OC22T Datasheet HTML 1Page - Mercury United Electronics Inc OC22T Datasheet HTML 2Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OCXO (Oven Controlled Crystal Oscillators)
+5.0 V
OC22T5 Series
HCMOS Square Wave
MERCURY
Since 1973
MERCURY
Page 2 of 2
Date: July 20, 2006
Rev. 0
+
-
0.1uF
V
A
-
+
Vcc1
-
+
Vcon
Bottom view
Oscilloscope
Frequency counter
15 pF
50%
20%
80%
Tr
Tf
T2
T1
Duty Cycle =
T1
T2
*100%
*
* Include probe, fixture and stray capacitances
-
+
Vcc2
OC22T Test Circuit
OC22T Series Package Dimensions and Pin Connections:
unit mm
Part Number Format and Example:
Example: OC22T5S-10.000-0.01/-20+70
OC 22
T
5
S
10.000
0.01
-20+70
dash
dash
slash
: “OC” Product Prefix for OCXO
: Package type. “22” for OC22 package
: Output wave form code. “T” for HCMOS square wave output..
: Supply voltage code. “5” for +5.0V; “12” for +12.0V
: Crystal type. Use “A” for AT-cut crystal; Use “S” for SC-cut crystal.
: Frequency in MHz;
: Frequency stability in ppm;
: Operating temperature range: -20°C to +70°C in this case.


Similar Part No. - OC22T

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
OC22T12A EUROQUARTZ-OC22T12A Datasheet
100Kb / 1P
   AT-Cut Crystal - Square Wave - 12.0 Volts
OC22T12A-10.000-0.10-20 EUROQUARTZ-OC22T12A-10.000-0.10-20 Datasheet
100Kb / 1P
   AT-Cut Crystal - Square Wave - 12.0 Volts
OC22T12S EUROQUARTZ-OC22T12S Datasheet
100Kb / 1P
   SC-Cut Crystal - Square Wave - 12.0 Volts
OC22T12S-10.000-0.01-20 EUROQUARTZ-OC22T12S-10.000-0.01-20 Datasheet
100Kb / 1P
   SC-Cut Crystal - Square Wave - 12.0 Volts
OC22T5A EUROQUARTZ-OC22T5A Datasheet
100Kb / 1P
   AT-Cut Crystal - Square Wave - 5.0 Volts
More results

Similar Description - OC22T

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
OC22E MERCURY-OC22E Datasheet
164Kb / 2P
   Mercury OC22T is 50.8X50.8 mm 7 pin solder sealed metal pacakge with
OC31E MERCURY-OC31E Datasheet
169Kb / 2P
   Mercury OC31E is 36.2x27.2 mm 5 pin solder sealed metal pacakge
OC11E MERCURY-OC11E Datasheet
165Kb / 2P
   Mercury OC11E is 25.4x25.4 mm 5 pin solder sealed metal pacakge
OC30E MERCURY-OC30E Datasheet
166Kb / 2P
   Mercury OC30E is 36.2x27.2 mm 5 pin solder sealed metal pacakge
OC31T MERCURY-OC31T Datasheet
167Kb / 2P
   Mercury OC31T is 36.2x27.2 mm 5 pin solder sealed metal pacakge
OC30T MERCURY-OC30T Datasheet
164Kb / 2P
   Mercury OC30T is 36.2x27.2 mm 5 pin solder sealed metal pacakge
OC11T MERCURY-OC11T Datasheet
164Kb / 2P
   Mercury OC11T is 25.4x25.4 mm (1 inch square) 5 pin solder sealed metal
OC18E MERCURY-OC18E Datasheet
188Kb / 4P
   5 pin solder sealed metal package
OC18T MERCURY-OC18T Datasheet
188Kb / 4P
   5 pin solder sealed metal package
logo
WAGO Kontakttechnik Gmb...
769-637-003-000 WAGO-769-637-003-000 Datasheet
177Kb / 6P
   THT male header; 1.0 x 1.0 mm solder pin; straight; clamping collar; Pin spacing 5 mm; 7-pole; gray
29.12.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com