Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1944 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1944
Description  Developing IGBT applications using an TD350 advanced IGBT driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1944 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1944 Datasheet HTML 3Page - STMicroelectronics AN1944 Datasheet HTML 4Page - STMicroelectronics AN1944 Datasheet HTML 5Page - STMicroelectronics AN1944 Datasheet HTML 6Page - STMicroelectronics AN1944 Datasheet HTML 7Page - STMicroelectronics AN1944 Datasheet HTML 8Page - STMicroelectronics AN1944 Datasheet HTML 9Page - STMicroelectronics AN1944 Datasheet HTML 10Page - STMicroelectronics AN1944 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN1944
Active Miller clamp
7/21
4
Active Miller clamp
The TD350 offers an alternative solution to the problem of the Miller current in IGBT
switching applications. Instead of driving the IGBT gate to a negative voltage to increase the
safety margin, the TD350 uses a dedicated CLAMP pin to control the Miller current. When
the IGBT is off, a low impedance path is established between IGBT gate and emitter to carry
the Miller current, and the voltage spike on the IGBT gate is greatly reduced (see Figure 7).
The CLAMP switch is opened when the input is activated and is closed when the actual gate
voltage goes close to the ground level. In this way, the CLAMP function doesn’t affect the
turn-off characteristic, but only keeps the gate to the low level throughout the off time. The
main benefit is that negative voltage can be avoided in many cases, allowing a bootstrap
technique for the high side driver supply.
The waveform shown in Figure 8 proves how using the Active Miller clamp provides a
consistent reduction of the voltage spike on IGBT gate.
Figure 7.
Active Miller clamp: principle of operation
high dV/dt !
voltage spike on IGBT gate !
TD350
high dV/dt !
reduced voltage spike
Miller current
Miller current
active clamp


Similar Part No. - AN1944

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1941 STMICROELECTRONICS-AN1941 Datasheet
505Kb / 15P
   LOW VOLTAGE LED DRIVER USING
logo
Maxim Integrated Produc...
AN1943 MAXIM-AN1943 Datasheet
211Kb / 4P
   Improving the Performance of the MAX4455 by Reducing On-Screen Display Artifacts
Mar 21, 2003
logo
STMicroelectronics
AN1946 STMICROELECTRONICS-AN1946 Datasheet
659Kb / 35P
   SENSORLESS BLDC MOTOR CONTROL AND BEMF SAMPLING METHODS WITH ST7MC
AN1947 STMICROELECTRONICS-AN1947 Datasheet
606Kb / 36P
   ST7MC PMAC SINE WAVE MOTOR CONTROL SOFTWARE LIBRARY
AN1948 STMICROELECTRONICS-AN1948 Datasheet
676Kb / 23P
   DVD combo power supply with the VIPer53-E
More results

Similar Description - AN1944

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2002 STMICROELECTRONICS-AN2002 Datasheet
919Kb / 8P
   Using the Demoboard for the TD350 Advanced IGBT Driver
TD351 STMICROELECTRONICS-TD351 Datasheet
157Kb / 12P
   Advanced IGBT/MOSFET Driver
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
   Advanced IGBT/MOSFET Driver
TD350E STMICROELECTRONICS-TD350E Datasheet
258Kb / 17P
   Advanced IGBT/MOSFET driver
TD351 STMICROELECTRONICS-TD351_11 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352 Datasheet
179Kb / 13P
   Advanced IGBT/MOSFET Driver
TD35 STMICROELECTRONICS-TD35 Datasheet
249Kb / 19P
   Advanced IGBT/MOSFET driver
June 2011 Rev 2
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
   Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com