Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2002 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2002
Description  Using the Demoboard for the TD350 Advanced IGBT Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2002 Datasheet(HTML) 6 Page - STMicroelectronics

  AN2002 Datasheet HTML 1Page - STMicroelectronics AN2002 Datasheet HTML 2Page - STMicroelectronics AN2002 Datasheet HTML 3Page - STMicroelectronics AN2002 Datasheet HTML 4Page - STMicroelectronics AN2002 Datasheet HTML 5Page - STMicroelectronics AN2002 Datasheet HTML 6Page - STMicroelectronics AN2002 Datasheet HTML 7Page - STMicroelectronics AN2002 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AN2002
Using the Demoboard for the TD350 Advanced IGBT Driver
6/8
3
Application example no. 1
This first application example demonstrates the typical configuration in which TD350 can be used in low
and medium power applications. In this configuration, the TD350 is able to drive IGBTs with current
ratings up to about 50A. The schematic showing how to connect the demoboard to the optocoupler,
power supply and IGBT module is presented on Figure 5. The demoboard doesn’t require any
modification in order to be used in this configuration. However, it should be noted that C5 and C7
(decoupling capacitors for negative supply) are not needed in this example and they could be removed to
optimize application cost and PCB space.
The main characteristics of this example are:
l Single Supply: with the benefit of the Active Miller Clamp feature, negative supply isn’t needed to
avoid mistriggering of the IGBT at turn-off
l Active Miller Clamp: the feature is implemented on the demoboard by connecting TD350 CLAMP
pin to the IGBT gate with R9=0R resistor
l 2-Step Turn-Off: at turn-off the gate-to-source voltage will be lowered to 10V during approximately
1.5µs to reduce over-voltage stress on the IGBT in case of over-current event
l DESAT not used: to simplify the design DESAT pin is connected to GND to inhibit the function. To
implement the desaturation protection, see Section 2.5.
Figure 5: TD350 demoboard used in basic application
7
2
4
5
1
3
6
8
In1
Lvoff
VL
Gnd
Fault
Gnd
VH
In2
2
4
1
3
Desat
Out
Gnd
Clamp
TD350 demoboard
16V
47pF*
(*): optional parts


Similar Part No. - AN2002

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN200 EXTECH-AN200 Datasheet
354Kb / 14P
   CFM/CMM Thermo Anemometer InfraRed Thermometer
logo
List of Unclassifed Man...
AN2000-521P ETC1-AN2000-521P Datasheet
39Kb / 1P
   AN0625-521P
logo
Motorola, Inc
AN2001 MOTOROLA-AN2001 Datasheet
1Mb / 20P
   Designing Expansion Boards
logo
STMicroelectronics
AN2009 STMICROELECTRONICS-AN2009 Datasheet
925Kb / 39P
   PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
logo
Extech Instruments Corp...
AN200 EXTECH-AN200_15 Datasheet
265Kb / 1P
   CFM/CMM Thermo-Anemometer IR Thermometer
More results

Similar Description - AN2002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1944 STMICROELECTRONICS-AN1944 Datasheet
688Kb / 21P
   Developing IGBT applications using an TD350 advanced IGBT driver
AN3161 STMICROELECTRONICS-AN3161 Datasheet
761Kb / 14P
   Using the STGW35HF60WD advanced PT IGBT in parallel
logo
NXP Semiconductors
AN1000 PHILIPS-AN1000_15 Datasheet
147Kb / 18P
   Evaluation of the SA601/SA606 demoboard
1997 Aug 20
logo
STMicroelectronics
AN4130 STMICROELECTRONICS-AN4130 Datasheet
3Mb / 41P
   LED driver using the HVLED815PF
logo
NXP Semiconductors
AN460 PHILIPS-AN460 Datasheet
66Kb / 8P
   Using the P82B96 for bus interface
2001 Feb 14
logo
International Rectifier
IRS2540 IRF-IRS2540 Datasheet
824Kb / 28P
   IRPLLED1 High Voltage LED Driver using the IRS2540
logo
STMicroelectronics
EVAL6470 STMICROELECTRONICS-EVAL6470 Datasheet
250Kb / 11P
   Fully integrated microstepping motor driver using the L6470
March 2011 Rev 1
logo
Motorola, Inc
AN1062 MOTOROLA-AN1062 Datasheet
609Kb / 11P
   Using the QSPI for Analog Data Acquisition
logo
STMicroelectronics
TD350 STMICROELECTRONICS-TD350_10 Datasheet
234Kb / 17P
   Advanced IGBT/MOSFET driver
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
   Advanced IGBT/MOSFET driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com