Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2052 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2052
Description  This report describes how the frequency modulation reduces
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2052 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2052 Datasheet HTML 2Page - STMicroelectronics AN2052 Datasheet HTML 3Page - STMicroelectronics AN2052 Datasheet HTML 4Page - STMicroelectronics AN2052 Datasheet HTML 5Page - STMicroelectronics AN2052 Datasheet HTML 6Page - STMicroelectronics AN2052 Datasheet HTML 7Page - STMicroelectronics AN2052 Datasheet HTML 8Page - STMicroelectronics AN2052 Datasheet HTML 9Page - STMicroelectronics AN2052 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Circuit and description of test configurations
AN2052
6/13
DocID10909 Rev 2
By changing the resistor value between VDD and OSC pin, the frequency oscillator
(capacitor value is fixed at 220 nF) can be modified. In this way the FM percentage can
be set. The target FM percentage is +/-10%. In the original circuit a 10 kohm resistor is
used, obtaining a switching frequency of 70 kHz. This resistor value gives a charging
current capacitor of 1 mA max.
The external circuit works to increase the switching frequency. Therefore, the resistor
value should be changed between VDD and OSC pin in order to reduce t h e minimum
switching frequency to 66 kHz. As a result the new resistor value is 11 kohm, obtaining
a charging current of 0.9 mA when the external voltage is 0 V. The switching frequency
variation depends on the charging current capacitor, therefore it is proportional to the
external voltage. Maximum value of the switching frequency is 77 kHz: it is obtained
when the charging current is 1.1 mA where 0.9 mA is given by VDD and 0.2 mA is
supplied from the external circuit.
Below, the design of the resistor value, between OSC pin and the oscillator, is explained:
in configuration “A”, maximum voltage is 374 V, so the resistance is R = 373
V/0.2 mA = 1.8 Mohm
in configuration “B”, the maximum voltage is 10 V, so the resistance is R = 10
V/0.2 mA = 50 kohm
It is important to verify the frequency obtained using the oscilloscope. This frequency
value has to be tuned to the desired value. In Figure 7, 8, 9 and 10 the typical clock
signal is shown.
Figure 7. Configuration “A”: AC signal (50 Hz
oscillator)
Figure 8. Configuration “A”: PWM ramp signal


Similar Part No. - AN2052

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2050FB PANASONIC-AN2050FB Datasheet
54Kb / 4P
   CCD Monochrome Video Camera Signal Processor IC
logo
STMicroelectronics
AN2053 STMICROELECTRONICS-AN2053 Datasheet
323Kb / 15P
   SLIC protection for both classical and new networks
More results

Similar Description - AN2052

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4290 STMICROELECTRONICS-AN4290 Datasheet
492Kb / 16P
   This document describes how the SPI communication
AN4640 STMICROELECTRONICS-AN4640 Datasheet
397Kb / 19P
   This application note describes how peripherals
AN3972 STMICROELECTRONICS-AN3972 Datasheet
1Mb / 21P
   This document describes how to use the STM3210C-EVAL
AN4570 STMICROELECTRONICS-AN4570 Datasheet
574Kb / 46P
   This application note describes how to use the high-density
AN1633 STMICROELECTRONICS-AN1633 Datasheet
68Kb / 9P
   This application note describes how to implement
AN2512 STMICROELECTRONICS-AN2512 Datasheet
668Kb / 38P
   This application note describes how to design
PM0059 STMICROELECTRONICS-PM0059 Datasheet
381Kb / 29P
   This programming manual describes how to program
AN2682 STMICROELECTRONICS-AN2682 Datasheet
164Kb / 15P
   This application note describes how to interface
AN3117 STMICROELECTRONICS-AN3117 Datasheet
421Kb / 28P
   This application note describes how to use the direct memory access
UM1561 STMICROELECTRONICS-UM1561 Datasheet
972Kb / 39P
   This document describes how the firmware to manage the 250 W micro-inverter demo
October 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com