Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD253R04S15PSV Datasheet(PDF) 7 Page - International Rectifier

Part # SD253R04S15PSV
Description  FAST RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD253R04S15PSV Datasheet(HTML) 7 Page - International Rectifier

  SD253R04S15PSV Datasheet HTML 1Page - International Rectifier SD253R04S15PSV Datasheet HTML 2Page - International Rectifier SD253R04S15PSV Datasheet HTML 3Page - International Rectifier SD253R04S15PSV Datasheet HTML 4Page - International Rectifier SD253R04S15PSV Datasheet HTML 5Page - International Rectifier SD253R04S15PSV Datasheet HTML 6Page - International Rectifier SD253R04S15PSV Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SD253N/R Series
7
www.irf.com
Bulletin I2065 rev. A 09/94
Fig. 16 - Maximum Total Energy Loss Per Pulse Characteristics
Fig. 15 - Maximum Total Energy Loss Per Pulse Characteristics
1E1
1E2
1E3
1E4
1E11E2
1E31E4
1
2
0.1
Pulse Basewidth (µs)
4
dv/dt = 1000V/µs
Sinusoidal Pulse
20 joules per pulse
10
0.4
0.2
0.04
T = 125°C, V
= 800V
J
RRM
0.02
0.01
SD253N/R..S15 Series
1E4
tp
1E11E2
1E31E4
1
2
0.1
Pulse Basewidth (µs)
4
20 jo ules per pulse
10
0.4
0.2
T = 125°C, V
= 800V
J
RRM
Trapezoidal Pulse
dv/dt = 1000V/µs; di/dt=50A/µs
SD253N/R.. S15 Series
tp
1E1
1E1
1E2
1E3
1E4
1E11E2
1E31E4
1
2
0.1
Pulse Basewidth (µs)
4
dv/dt = 1000 V/µs
Sinusoidal Pulse
20 joules per pulse
10
0.4
0.2
0.04
0.02
0.01
T = 125°C, V
= 1120V
J
RRM
SD253N/R..S20 Series
1E4
tp
1E11E2
1E31E4
1
2
Pulse Basewidth (µs)
4
20 joules per pulse
10
0.4
0.2
Trapezoidal Pulse
dv/dt = 1000V/µs; di/dt=50A/µs
SD253N/R.. S20 Series
T = 125°C, V
= 1120V
J
RRM
tp
1E1


Similar Part No. - SD253R04S15PSV

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
List of Unclassifed Man...
SD25-100 ETC1-SD25-100 Datasheet
395Kb / 8P
   High Power Density, Low Profile, Shielded Inductors
logo
Cooper Bussmann, Inc.
SD25-100-R COOPER-SD25-100-R Datasheet
372Kb / 4P
   Switching Regulators
SD25-100-R COOPER-SD25-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
SD25-100-R COOPER-SD25-100-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
More results

Similar Description - SD253R04S15PSV

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD203N IRF-SD203N Datasheet
122Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com