Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4734A Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1N4734A
Description  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1N4734A Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  1N4734A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1N4734A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 1N4734A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIP Type
www.kexin.com.cn
2
Diodes
Zener Diodes
1N4728A ~ 1N4758A
Typical Characterisitics
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(µA)
Max
VR
(Volts)
1N4744A
15
17
14
0.25
700
5
11.4
1N4745A
16
15.5
16
0.25
700
5
12.2
1N4746A
18
14
20
0.25
700
5
13.7
1N4747A
20
12.5
22
0.25
750
5
15.2
1N4748A
22
11.5
23
0.25
750
5
16.7
1N4749A
24
10.5
25
0.25
750
5
18.2
1N4750A
27
9.5
35
0.25
750
5
20.6
1N4751A
30
8.5
40
0.25
1000
5
22.8
1N4752A
33
7.5
45
0.25
1000
5
25.1
1N4753A
36
7
50
0.25
1000
5
27.4
1N4754A
39
6.5
60
0.25
1000
5
29.7
1N4755A
43
6
70
0.25
1500
5
32.7
1N4756A
47
5.5
80
0.25
1500
5
35.8
1N4757A
51
5
95
0.25
1500
5
38.8
1N4758A
56
4.5
110
0.25
2000
5
42.6
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types
Notes:
1. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of ± 5%. Device tolerance of±2% is indicated by a
“C” instead of an “A”.
2. SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery,
contact you nearest Tak Cheong representative.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage (
VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction
in thermal equilibrium.
4. ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from the 60 cycle AC voltage, which results when an AC current having an RMS value equal to 10%
of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.


Similar Part No. - 1N4734A

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
1N4734A CHONGQING-1N4734A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
NXP Semiconductors
1N4734A PHILIPS-1N4734A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4734A VISHAY-1N4734A Datasheet
96Kb / 5P
   Zener Diodes
Rev. 2.2, 08-Dec-11
logo
Rugao Dachang Electroni...
1N4734A DACHANG-1N4734A Datasheet
121Kb / 2P
   High stability and high reliability
logo
List of Unclassifed Man...
1N4734A ETC1-1N4734A Datasheet
16Kb / 1P
   Zener Diodes
More results

Similar Description - 1N4734A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com