Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS2354-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGS2354-SM
Description  0.5-6 GHz 40 Watt GaN Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2354-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGS2354-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGS2354-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGS2354-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS2354-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS2354-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS2354-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS2354-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS2354-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS2354-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TGS2354-SM
0.5-6 GHz 40 Watt GaN Switch
Datasheet: Rev – A 01-29-15
- 1 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Applications
Commercial and Military Radar
Communications
Electronic Warfare
Instrumentation
General Purpose High Power Switching
Product Features
Frequency Range: 0.5 - 6 GHz
Insertion Loss: < 1.1 dB
Power Handling: 46 dBm (P.1dB)
Isolation: > 25 dB typical
Return Loss: > 15 dB
Control Voltages: 0 V/-40 V
Switching Speed: < 50 ns
Reflective Switch
Package Dimensions: 4.0 x 4.0 x 1.42 mm
Functional Block Diagram
Pin Configuration
Pin No.
Label
3
RFC
7
VC1
21
VC2
18
RF1
10
RF2
1-2, 4-6, 8-9, 11-17, 19-20, 22-23
GND
General Description
The TriQuint TGS2354-SM is a Single-Pole, Double-
Throw
(SPDT)
reflective
switch
fabricated
on
TriQuint's TQGaN25 0.25um GaN on SiC production
process.
Operating from 0.5 to 6GHz, the TGS2354-SM typically
supports up to 40W input power handling at control
voltages of 0/-40 V. This switch maintains low insertion
loss of 1.1 dB or less and greater than 25dB isolation,
making it ideal for high power switching applications
across both defense and commercial platforms.
The TGS2354-SM is available in a 4x4 mm air-cavity
QFN package comprised of an aluminum-nitride base
with a LCP epoxy-sealed lid. This, along with the
minimal DC power consumption, allows for easy system
integration.
Lead-free and RoHS compliant.
Evaluation boards available on request.
Ordering Information
Part No.
ECCN
Description
TGS2354-SM
EAR99
0.5-6 GHz 40 Watt
GaN Switch


Similar Part No. - TGS2354-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2354 TRIQUINT-TGS2354 Datasheet
866Kb / 11P
   0.5-6.0 GHz 40 Watt GaN Switch
TGS2354 TRIQUINT-TGS2354_15 Datasheet
866Kb / 11P
   0.5-6.0 GHz 40 Watt GaN Switch
More results

Similar Description - TGS2354-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2354 TRIQUINT-TGS2354_15 Datasheet
866Kb / 11P
   0.5-6.0 GHz 40 Watt GaN Switch
TGS2355-SM TRIQUINT-TGS2355-SM_15 Datasheet
1Mb / 13P
   0.5-6 GHz 100 Watt GaN Switch
TGS2355 TRIQUINT-TGS2355_15 Datasheet
709Kb / 12P
   0.5-6 GHz High Power GaN Switch
logo
WOLFSPEED, INC.
CMPA0560008S WOLFSPEED-CMPA0560008S Datasheet
859Kb / 17P
   0.5 – 6 GHz, 10 W GaN HPA
Rev. 0.1 May 2023
logo
Qorvo, Inc
QPA1014 QORVO-QPA1014 Datasheet
746Kb / 16P
   2.7 ??3.7 GHz 40 Watt GaN Amplifier
September 2018
logo
WOLFSPEED, INC.
CMPA601C025D WOLFSPEED-CMPA601C025D Datasheet
2Mb / 20P
   6 - 12 GHz, 40 W GaN HPA
Rev. 3.0, December2021
logo
List of Unclassifed Man...
SHF-0189 ETC1-SHF-0189 Datasheet
99Kb / 4P
   0.05 - 6 GHz, 0.5 Watt GaAs HFET
logo
SIRENZA MICRODEVICES
SHF-0186K SIRENZA-SHF-0186K Datasheet
731Kb / 4P
   0.05-6 GHz, 0.5 Watt GaAs HFET
SHF-0189 SIRENZA-SHF-0189 Datasheet
99Kb / 4P
   0.05 - 6 GHz, 0.5 Watt GaAs HFET
logo
Hexawave, Inc
HWS526_V4 HW-HWS526_V4 Datasheet
62Kb / 2P
   GaAs 0.5-6 GHz SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com