Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA5926 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SMA5926
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SMA5926 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  1SMA5926 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1SMA5926 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 1SMA5926 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 1SMA5926 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
Diodes
Zener Diodes
1SMA5914 ~ 1SMA5949
Typical Characterisitics
100
200
100
70
50
30
20
10
10
20
30
50
70
200
VZ@IZT
Vz, ZENER VOLTAGE (VOLTS)
Fig.3 Zener Voltage - 14 to 200 Volts
VZ=150V
91V
62V
22V
12V
6.8V
0.5 1
2
5
10
20
50
100 200
500
1K
500
200
100
50
20
10
5
2
1
TJ = 25 C
IZ(rms) =0.1 I (dc)
O
Z
Iz, ZENER TEST CURRENT (mA)
Fig.4 Effect of Zener Current
0.1 0.20.3 0.5
1
2 3 5
10 2030 50 100
1K
500
300
200
100
50
30
20
10
RECTANGULAR
NONREPETITIVE
WAVEFORM
TJ =25 C PRIOR
O
TO INTIAL PULSE
PW, PULSE WIDTH (ms)
Fig.6 Maximum Surge Power
200
100
70
50
30
20
10
7
5
3
2
5
7
10
20 3
4
0
0
6
5
0
0
70
100
IZ(dc)=1mA
IZ(rms)=0.1IZ(dc)
10mA
20mA
Vz, ZENER VOLTAGE (VOLTS)
Fig.5 Effect of Zener Voltage
2.5
2
1.5
1
0.5
0
0
20
40
60
80
100 120 140 150 180
TL,LEADTEMPERA TURE( C)
O
Fig.1 Steady State Power Derating
V , ZENER VOLTAGE (VOLTS)
Z
8
6
4
2
0
-2
-4
2
4
6
8
10
10
12
VZ@IZT
Fig.2 Zener Voltage - to 12 volts


Similar Part No. - 1SMA5926

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1SMA5926 ETC-1SMA5926 Datasheet
87Kb / 4P
   Surface Mount Silicon Zener Diode
logo
Continental Device Indi...
1SMA5926 CDIL-1SMA5926 Datasheet
231Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMA5926 PANJIT-1SMA5926 Datasheet
87Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMA5926 PANJIT-1SMA5926 Datasheet
127Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA5926

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com