Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS4302 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGS4302
Description  High Power Ka-Band SPDT Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS4302 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGS4302_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS4302_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS4302_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS4302_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS4302_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS4302_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS4302_15 Datasheet HTML 9Page - TriQuint Semiconductor TGS4302_15 Datasheet HTML 10Page - TriQuint Semiconductor TGS4302_15 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
May 2, 2008
10
TABLE V
BIAS RESISTOR VALUES
Maximum
Negative Bias
Voltage
R
-5V
190 Ohms
-7.5V
315 Ohms
-10V
440 Ohms
-15V
690 Ohms
-20V
940 Ohms
TGS4302


Similar Part No. - TGS4302_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS4302 TRIQUINT-TGS4302 Datasheet
123Kb / 11P
   High Power Ka-Band SPDT Switch
More results

Similar Description - TGS4302_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS4302 TRIQUINT-TGS4302 Datasheet
123Kb / 11P
   High Power Ka-Band SPDT Switch
TGS4301-EPU TRIQUINT-TGS4301-EPU Datasheet
245Kb / 7P
   High Power Ka-Band Absorptive SPDT Switch
TGS4304 TRIQUINT-TGS4304_15 Datasheet
429Kb / 10P
   High Power Ka-Band Absorptive SPDT Switch
TGS4304 TRIQUINT-TGS4304 Datasheet
215Kb / 10P
   High Power Ka-Band Absorptive SPDT Switch
logo
M/A-COM Technology Solu...
MASW011036 MA-COM-MASW011036_15 Datasheet
753Kb / 3P
   Ka-Band High Power Terminated SPDT PIN Switch
MASW-011036-V2-JUL13 MA-COM-MASW-011036-V2-JUL13 Datasheet
753Kb / 3P
   Ka-Band High Power Terminated SPDT PIN Switch
MASW-011036 MA-COM-MASW-011036_15 Datasheet
753Kb / 3P
   Ka-Band High Power Terminated SPDT PIN Switch
MASW-011036 MA-COM-MASW-011036_16 Datasheet
693Kb / 5P
   Ka-Band High Power Terminated SPDT PIN Switch
MASW-010646-V2-JUL13 MA-COM-MASW-010646-V2-JUL13 Datasheet
748Kb / 3P
   Ka-Band High Power Reflective SPDT PIN Switch
logo
California Eastern Labs
UPG2009TB CEL-UPG2009TB_09 Datasheet
1Mb / 9P
   L-BAND HIGH POWER SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com