Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS12UMA-5A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FS12UMA-5A
Description  HIGH-SPEED SWITCHING USE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS12UMA-5A Datasheet(HTML) 4 Page - Renesas Technology Corp

  FS12UMA-5A_15 Datasheet HTML 1Page - Renesas Technology Corp FS12UMA-5A_15 Datasheet HTML 2Page - Renesas Technology Corp FS12UMA-5A_15 Datasheet HTML 3Page - Renesas Technology Corp FS12UMA-5A_15 Datasheet HTML 4Page - Renesas Technology Corp FS12UMA-5A_15 Datasheet HTML 5Page - Renesas Technology Corp FS12UMA-5A_15 Datasheet HTML 6Page - Renesas Technology Corp FS12UMA-5A_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUBISHI Nch POWER MOSFET
FS12UMA-5A
HIGH-SPEED SWITCHING USE
Sep. 2001
FS12UMA-5A
OUTLINE DRAWING
Dimensions in mm
TO-220
MITSUBISHI Nch POWER MOSFET
FS12UMA-5A
HIGH-SPEED SWITCHING USE
APPLICATION
CRT Display monitor, SMPS, etc.
250
±20
12
36
12
90
–55 ~ +150
–55 ~ +150
2.0
VGS = 0V
VDS = 0V
L = 200
µH
Typical value
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
V
V
A
A
A
W
°C
°C
g
VDSS
VGSS
ID
IDM
IDA
PD
Tch
Tstg
Symbol
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit
G 10V DRIVE
G VDSS ............................................................................... 250V
G rDS (ON) (MAX) ..............................................................0.40Ω
G ID .........................................................................................12A
10.5MAX.
4.5
1.3
φ 3.6
1.0
0.8
2.54
2.54
0.5
2.6
➀➁➂
GATE
DRAIN
SOURCE
DRAIN
➁➃


Similar Part No. - FS12UMA-5A_15

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FS12UMA-5A POWEREX-FS12UMA-5A Datasheet
24Kb / 2P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS12UMA-5A RENESAS-FS12UMA-5A Datasheet
92Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FS12UMA-5A ISC-FS12UMA-5A Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FS12UMA-5A_15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS18KM-10A MITSUBISHI-FS18KM-10A Datasheet
76Kb / 4P
   HIGH-SPEED SWITCHING USE
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
   HIGH-SPEED SWITCHING USE
FX50KMJ-06 MITSUBISHI-FX50KMJ-06 Datasheet
51Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7KM-12 MITSUBISHI-FS7KM-12 Datasheet
45Kb / 4P
   HIGH-SPEED SWITCHING USE
FS50AS-03 MITSUBISHI-FS50AS-03 Datasheet
37Kb / 4P
   HIGH-SPEED SWITCHING USE
FS70UMH-03 MITSUBISHI-FS70UMH-03 Datasheet
40Kb / 4P
   HIGH-SPEED SWITCHING USE
FS7UM-16A MITSUBISHI-FS7UM-16A Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FK16VS-6 MITSUBISHI-FK16VS-6 Datasheet
51Kb / 5P
   HIGH-SPEED SWITCHING USE
FS5VS-10 MITSUBISHI-FS5VS-10 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
FS16UM-9 MITSUBISHI-FS16UM-9 Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
FS1KM-16A MITSUBISHI-FS1KM-16A Datasheet
43Kb / 4P
   HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com