Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS4306-FC Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGS4306-FC
Description  70-90 GHz SP4T Switch Flip Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS4306-FC Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGS4306-FC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGS4306-FC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGS4306-FC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGS4306-FC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGS4306-FC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGS4306-FC_15 Datasheet HTML 8Page - TriQuint Semiconductor TGS4306-FC_15 Datasheet HTML 9Page - TriQuint Semiconductor TGS4306-FC_15 Datasheet HTML 10Page - TriQuint Semiconductor TGS4306-FC_15 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
TGS4306-FC
November 2009 © Rev B
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Measured Data
RF IN to RF OUT 4
-25
-20
-15
-10
-5
0
70
72
74
76
78
80
82
84
86
88
90
Frequency (GHz)
S11
S22
RF IN to RF OUT 4
-25
-20
-15
-10
-5
0
70
72
74
76
78
80
82
84
86
88
90
Frequency (GHz)
S11
S22
State 4
State 5


Similar Part No. - TGS4306-FC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS4306-FC TRIQUINT-TGS4306-FC Datasheet
277Kb / 11P
   70-90 GHz SP4T Switch Flip Chip
More results

Similar Description - TGS4306-FC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS4306-FC TRIQUINT-TGS4306-FC Datasheet
277Kb / 11P
   70-90 GHz SP4T Switch Flip Chip
TGS4305-FC TRIQUINT-TGS4305-FC Datasheet
263Kb / 11P
   60-90 GHz SP3T Switch Flip Chip
TGS4305-FC TRIQUINT-TGS4305-FC_15 Datasheet
435Kb / 11P
   60-90 GHz SP3T Switch Flip Chip
logo
Hexawave, Inc
HWS519_V1 HW-HWS519_V1 Datasheet
59Kb / 2P
   GaAs 0.5-6 GHz SP4T Switch
HWS554_V2 HW-HWS554_V2 Datasheet
110Kb / 4P
   SOI 0.5-3.0 GHz SP4T Switch
logo
Analog Devices
HMC641A AD-HMC641A Datasheet
296Kb / 10P
   0.1 GHz to 18 GHz, GaAs SP4T Switch
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
   GaAs SP4T Switch DC - 4.0 GHz
logo
ANADIGICS, Inc
AWS5524 ANADIGICS-AWS5524 Datasheet
133Kb / 8P
   0.5 to 2.5 GHz SP4T Switch
logo
TriQuint Semiconductor
TGS2304-SCC TRIQUINT-TGS2304-SCC_15 Datasheet
393Kb / 18P
   0.2- 20 GHz SP4T PIN Switch
logo
Tyco Electronics
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
   GaAs SP4T Switch DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com