Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5359B Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1N5359B
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1N5359B Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1N5359B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1N5359B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 1N5359B Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 1N5359B Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 1N5359B Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIP Type
www.kexin.com.cn
1
Diodes
Features
Zener Voltage Range 3.3 V to 200 V
ESD Rating of Class 3 (>16 kV) per Human Body Model
Surge Rating of up to 180 W @ 8.3 ms
DO-15
Dimensions in inches and (millimeters)
Anode
Cathode
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
5
W
40
mW/℃
Junction Temperature
TJ
200
Storage temperature range
Tstg
-65 to 200
Power Dissipation@ TL = 75°C, Lead Length = 3/8
in Derate above 75°C
Pd
5 Watt Surmetic
40
TM
Zener Diodes
1N5333B-1N5388B


Similar Part No. - 1N5359B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5359B MOTOROLA-1N5359B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Micro Commercial Compon...
1N5359B MCC-1N5359B Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts Epoxy meets UL 94 V-0 flammability rating
logo
Semikron International
1N5359B SEMIKRON-1N5359B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
ON Semiconductor
1N5359B ONSEMI-1N5359B Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
logo
EIC discrete Semiconduc...
1N5359B EIC-1N5359B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5359B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com