Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD178024GC Datasheet(PDF) 3 Page - NEC

Part # UPD178024GC
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178024GC Datasheet(HTML) 3 Page - NEC

  UPD178024GC Datasheet HTML 1Page - NEC UPD178024GC Datasheet HTML 2Page - NEC UPD178024GC Datasheet HTML 3Page - NEC UPD178024GC Datasheet HTML 4Page - NEC UPD178024GC Datasheet HTML 5Page - NEC UPD178024GC Datasheet HTML 6Page - NEC UPD178024GC Datasheet HTML 7Page - NEC UPD178024GC Datasheet HTML 8Page - NEC UPD178024GC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
3
µPD178023, 178024
Data Sheet U14126EJ1V0DS00
DEVELOPMENT OF 8-BIT DTS SERIES
PD178F048
PD178F098
PD178F134
PD178F124
PD178P018A
µ
Models under mass production
Models under development
Flash memory model
or PROM model
Mask ROM model
µ
µ
µ
µ
64/80 pins
100 pins
80 pins
80 pins
80 pins
64/80 pins
100 pins
80 pins
80 pins
80 pins
80 pins
PD178048 subseries
PD178078 subseries
PD178034 subseries
PD178024 subseries
PD178003 subseries
PD178018A subseries
PD178098 subseries
Internal OSD controller
8-bit PWM
× 4 channels
14-bit PWM
× 1 channel
Internal OSD controller
8-bit PWM
× 4 channels
14-bit PWM
× 1 channel
µ
µ
µ
µ
µ
µ
µ
100 pins
Internal IEBusTM controller
and UART
Internal LCD and UART
Internal UART
Internal IEBus controller
Internal UART
Internal LCD and UART
Internal UART
Limits functions of PD178018A subseries
µ


Similar Part No. - UPD178024GC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD178024GC-051 NEC-UPD178024GC-051 Datasheet
467Kb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO WITH CD PLAYER
logo
Renesas Technology Corp
UPD178024GC-051 RENESAS-UPD178024GC-051 Datasheet
613Kb / 100P
   MOS INTEGRATED CIRCUIT
2000
logo
NEC
UPD178024GC-051-8BT NEC-UPD178024GC-051-8BT Datasheet
467Kb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH ON-CHIP PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO WITH CD PLAYER
logo
Renesas Technology Corp
UPD178024GC-051-8BT RENESAS-UPD178024GC-051-8BT Datasheet
613Kb / 100P
   MOS INTEGRATED CIRCUIT
2000
UPD178024GC-XXX-8BT RENESAS-UPD178024GC-XXX-8BT Datasheet
399Kb / 58P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD178024GC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com