Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA4763 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SMA4763
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SMA4763 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SMA4763 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1SMA4763 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 1SMA4763 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 1SMA4763 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 1SMA4763 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
1
Diodes
1SMA4728~4764
Zener
Diodes
Features
Low profile package
Typical IR less than 5.0 μA above 11V
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Peak forward surge current
IFM
10
A
Power Dissipation
Pd
1.0
W
Junction Temperature
TJ
150
Storage temperature range
Tstg
-55 to 150
1
2
4.597
3.988
5.668
4.925
2.896
2.489
2.126
1.397
4.32
4.12
2.75
2.55
5.87
5.67
2.02
2.22
1.524
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
Unit: mm
1.981
2.438


Similar Part No. - 1SMA4763

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4763 TRSYS-1SMA4763 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Microdiode Electronics ...
1SMA4763 CHENDA-1SMA4763 Datasheet
923Kb / 4P
   Glass passivated junction
logo
Taiwan Semiconductor Co...
1SMA4763 TSC-1SMA4763 Datasheet
166Kb / 5P
   Surface Mount Silicon Zener Diode
logo
Sangdest Microelectroni...
1SMA4763 SMC-1SMA4763 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4763 TSC-1SMA4763 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
More results

Similar Description - 1SMA4763

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com