Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-001220-100L00 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-001220-100L00
Description  GaN HEMT Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-001220-100L00 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAGX-001220-100L00_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-001220-100L00_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-001220-100L00_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-001220-100L00_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-001220-100L00_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-001220-100L00_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GaN HEMT Power Transistor
100W Peak, 1.2 - 2.0 GHz
MAGX-001220-100L00
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications, simu-
lated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be avail-
able. Commitment to produce in volume is not guaranteed.
Production V1
19 Sept 11
Outline Drawings
Outline Drawings
TURNING THE DEVICE ON
1. Set VGS to the pinch-off (VP), typically -5V
2. Turn on VDS to nominal voltage (50V)
3. Increase VGS until the IDS current is reached
4. Apply RF power to desired level
TURNING THE DEVICE OFF
1. Turn the RF power off
2. Decrease VGS down to VP
3. Decrease VDS down to 0V
4. Turn off VGS
CORRECT DEVICE BIAS SEQUENCING


Similar Part No. - MAGX-001220-100L00_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00 Datasheet
833Kb / 6P
   GaN HEMT Power Transistor 100W Peak, 1.2 - 2.0 GHz
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00 Datasheet
833Kb / 6P
   GaN HEMT Power Transistor
More results

Similar Description - MAGX-001220-100L00_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00 Datasheet
833Kb / 6P
   GaN HEMT Power Transistor
MAGX-000035-030000 MA-COM-MAGX-000035-030000_15 Datasheet
953Kb / 7P
   GaN HEMT Power Transistor
MAGX-000035-030000 MA-COM-MAGX-000035-030000 Datasheet
953Kb / 7P
   GaN HEMT Power Transistor
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-180L00 MA-COM-MAGX-002731-180L00 Datasheet
831Kb / 6P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-100L00 MA-COM-MAGX-002731-100L00_15 Datasheet
381Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-100L00 MA-COM-MAGX-002731-100L00 Datasheet
381Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00_15 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-003135-030L00 MA-COM-MAGX-003135-030L00 Datasheet
908Kb / 8P
   GaN HEMT Pulsed Power Transistor
MAGX-002735-040L00 MA-COM-MAGX-002735-040L00 Datasheet
307Kb / 7P
   GaN HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com