Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-002731-030L00 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-002731-030L00
Description  GaN HEMT Pulsed Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-002731-030L00 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAGX-002731-030L00_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-002731-030L00_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-002731-030L00_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-002731-030L00_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-002731-030L00_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-002731-030L00_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-002731-030L00_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GaN HEMT Pulsed Power Transistor
2.7 - 3.1 GHz, 30W Peak, 500us Pulse, 10% Duty Cycle
MAGX-002731-030L00
Production V1
23 Aug 11
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications, simu-
lated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be avail-
able. Commitment to produce in volume is not guaranteed.
RF Power Transfer Curve at 65V Drain Bias, Idq=0.25A
Output Power vs. Input Power
RF Power Transfer Curve at 65V Drain Bias, Idq=0.25A


Similar Part No. - MAGX-002731-030L00_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor 2.7 - 3.1 GHz, 30W Peak, 500us Pulse, 10% Duty Cycle
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
More results

Similar Description - MAGX-002731-030L00_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-003135-030L00 MA-COM-MAGX-003135-030L00 Datasheet
908Kb / 8P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-100L00 MA-COM-MAGX-002731-100L00 Datasheet
381Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-180L00 MA-COM-MAGX-002731-180L00 Datasheet
831Kb / 6P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-100L00 MA-COM-MAGX-002731-100L00_15 Datasheet
381Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002735-040L00 MA-COM-MAGX-002735-040L00 Datasheet
307Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-180L00 MA-COM-MAGX-002731-180L00_15 Datasheet
831Kb / 6P
   GaN HEMT Pulsed Power Transistor
MAGX-002735-040L00 MA-COM-MAGX-002735-040L00_15 Datasheet
307Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-003135-030L00 MA-COM-MAGX-003135-030L00_15 Datasheet
908Kb / 8P
   GaN HEMT Pulsed Power Transistor
MAGX-001214-500L00-V2 MA-COM-MAGX-001214-500L00-V2 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com