Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGV2204-FC Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGV2204-FC
Description  19 GHz VCO with Prescaler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGV2204-FC Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGV2204-FC Datasheet HTML 2Page - TriQuint Semiconductor TGV2204-FC Datasheet HTML 3Page - TriQuint Semiconductor TGV2204-FC Datasheet HTML 4Page - TriQuint Semiconductor TGV2204-FC Datasheet HTML 5Page - TriQuint Semiconductor TGV2204-FC Datasheet HTML 6Page - TriQuint Semiconductor TGV2204-FC Datasheet HTML 7Page - TriQuint Semiconductor TGV2204-FC Datasheet HTML 8Page - TriQuint Semiconductor TGV2204-FC Datasheet HTML 9Page - TriQuint Semiconductor TGV2204-FC Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
TGV2204-FC
November 2009 © Rev D
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Electrical Schematic
Bias Procedures
Bias-up Procedure
Bias-down Procedure
Vtune set to ~ +2 V (for desired Freq)
Vcc set to 5 V ± 5%
For single-ended use of the prescaler (F/8+),
the F/8- output pin may be left open
Reduce Vcc to 0 V.
Turn Vtune to 0 V
Prescaler
VCO
TGV2204-FC
F/8-
Out
RF
Out
Vtune
Vcc
100
pF
100
pF
÷8
~
F/8+
Out


Similar Part No. - TGV2204-FC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2204-FC TRIQUINT-TGV2204-FC Datasheet
442Kb / 10P
   19 GHz VCO with Prescaler
More results

Similar Description - TGV2204-FC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2204-FC TRIQUINT-TGV2204-FC Datasheet
442Kb / 10P
   19 GHz VCO with Prescaler
logo
ON Semiconductor
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
logo
Infineon Technologies A...
PMB2314T INFINEON-PMB2314T Datasheet
475Kb / 14P
   Prescaler Circuit 2.1 GHz
V 1.2, December 2003
logo
List of Unclassifed Man...
U666BS ETC-U666BS Datasheet
24Kb / 1P
   GHz prescaler (factor = 256)
logo
Infineon Technologies A...
PMB2313T INFINEON-PMB2313T Datasheet
685Kb / 20P
   Prescaler Circuit 1.1 GHz
V 1.2, December 2003
logo
Siemens Semiconductor G...
PMB2313T SIEMENS-PMB2313T Datasheet
218Kb / 19P
   Prescaler Circuit 1.1 GHz
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
logo
OKI electronic componet...
KGL2135 OKI-KGL2135 Datasheet
45Kb / 3P
   1.7 GHz Two-Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12034 LANSDALE-ML12034_08 Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com