Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGV2529-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGV2529-SM
Description  12.5 ??13.5 GHz VCO with Divide by 2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGV2529-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGV2529-SM Datasheet HTML 1Page - TriQuint Semiconductor TGV2529-SM Datasheet HTML 2Page - TriQuint Semiconductor TGV2529-SM Datasheet HTML 3Page - TriQuint Semiconductor TGV2529-SM Datasheet HTML 4Page - TriQuint Semiconductor TGV2529-SM Datasheet HTML 5Page - TriQuint Semiconductor TGV2529-SM Datasheet HTML 6Page - TriQuint Semiconductor TGV2529-SM Datasheet HTML 7Page - TriQuint Semiconductor TGV2529-SM Datasheet HTML 8Page - TriQuint Semiconductor TGV2529-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TGV2529-SM
12.5
– 13.5 GHz VCO with Divide by 2
Data Sheet: RevA 12/12/12
- 2 of 14 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Supply Voltage, Vcc
+5.5V
Tuning Voltage, Vtune
+14V
Power Dissipation, Pdiss
1.1W
Junction Temperature
200°C
Storage Temperature
-65 to 125
C
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Operating Temp. Range
-40
+25
+85
C
Supply Voltage, Vcc
4.8
5.0
5.2
V
Supply Current, Icc
165
mA
Tuning Voltage, Vtune
1
12
V
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25 ºC, Vcc = 5 V, Icc = 165mA
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency
12.5
13.5
GHz
RFout/2 Output Frequency
6.25
6.75
GHz
Supply Voltage, Vcc
4.8
5
5.2
V
Supply Current, Icc
140
165
190
mA
Output Power
4
7
12
dBm
RFout/2 Output Power
2
6
10
dBm
Tuning Sensitivity
Vtune = 5V
175
MHz/V
Output Return Loss
7
dB
RFout/2 Output Return Loss
5
dB
Tuning Voltage
1
13
V
Pushing
Vtune = 5V
10
MHz/V
Pulling
VSWR 2:1
5
MHz (p-p)
Harmonics
Freq/2
3*Freq/2
2*Freq
21
30
49
dBc
Phase Noise @ 10KHz Offset
Vtune = 5V
-80
dBc/Hz
Phase Noise @ 100KHz Offset
Vtune = 5V
-110
dBc/Hz
Phase Noise @ 1MHz Offset
Vtune = 5V
-133
dBc/Hz
Frequency Drift Rate
1.1
MHz/
oC
Vtune Leakage
Vtune = 12V
5
µA


Similar Part No. - TGV2529-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
More results

Similar Description - TGV2529-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
logo
Hittite Microwave Corpo...
HMC401QS16G HITTITE-HMC401QS16G_08 Datasheet
289Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC401QS16G HITTITE-HMC401QS16G Datasheet
305Kb / 8P
   Ku-BAND MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
HMC401QS16G HITTITE-HMC401QS16G_06 Datasheet
423Kb / 8P
   Ku-Band MMIC VCO with DIVIDE-BY-8, 13.2 - 13.5 GHz
logo
TriQuint Semiconductor
TGV2562-SM TRIQUINT-TGV2562-SM_15 Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2564-SM TRIQUINT-TGV2564-SM_15 Datasheet
803Kb / 14P
   10.3 ??11.1 GHz VCO with Divide by 2
TGV2584-SM TRIQUINT-TGV2584-SM_15 Datasheet
805Kb / 14P
   12.6 ??13.8 GHz VCO with Divide by 2
TGV2565-SM TRIQUINT-TGV2565-SM_15 Datasheet
804Kb / 14P
   11.3 ??12.3 GHz VCO with Divide by 2
TGV2566-SM TRIQUINT-TGV2566-SM_15 Datasheet
803Kb / 14P
   13.4 ??14.4 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM_15 Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com