Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGV2539-SM Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGV2539-SM
Description  10.7 ??11.5 GHz VCO with Divide by 2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGV2539-SM Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGV2539-SM Datasheet HTML 3Page - TriQuint Semiconductor TGV2539-SM Datasheet HTML 4Page - TriQuint Semiconductor TGV2539-SM Datasheet HTML 5Page - TriQuint Semiconductor TGV2539-SM Datasheet HTML 6Page - TriQuint Semiconductor TGV2539-SM Datasheet HTML 7Page - TriQuint Semiconductor TGV2539-SM Datasheet HTML 8Page - TriQuint Semiconductor TGV2539-SM Datasheet HTML 9Page - TriQuint Semiconductor TGV2539-SM Datasheet HTML 10Page - TriQuint Semiconductor TGV2539-SM Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TGV2539-SM
10.7
– 11.5 GHz VCO with Divide by 2
Preliminary Datasheet: Rev- 05-30-13
- 7 of 14 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Pin Configuration and Description
Pin
Symbol
Description
1, 2, 3, 4, 5, 6, 7,
8, 9, 10, 13, 14,
15, 16, 17, 18, 20,
22, 23, 24, 25, 26,
27, 28, 30, 31, 32
NC
No internal connection.
11
GND
Backside Paddle. Multiple vias should be employed to minimize
inductance and thermal resistance.
12
RFout/2
Frequency/2 Output match to 50 ohms, AC coupled.
19
RFout
Output, matched to 50 ohms, AC coupled.
21
Vcc
Supply voltage. Bias network is required; see Application Circuit on
page 8 as an example.
29
Vtune
VCO tuning voltage.
NC
9
8
11
10
12
14
13
15
17
16
NC
NC 4
NC
NC
NC
6
7
5
2
1
NC
NC
NC
3
32
30
31
29
27
28
26
RFout
Vcc
21
20
19
18
NC
NC
24
23
22
NC
NC
NC
25


Similar Part No. - TGV2539-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM_15 Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM_15 Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
More results

Similar Description - TGV2539-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2562-SM TRIQUINT-TGV2562-SM_15 Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2564-SM TRIQUINT-TGV2564-SM_15 Datasheet
803Kb / 14P
   10.3 ??11.1 GHz VCO with Divide by 2
TGV2584-SM TRIQUINT-TGV2584-SM_15 Datasheet
805Kb / 14P
   12.6 ??13.8 GHz VCO with Divide by 2
TGV2565-SM TRIQUINT-TGV2565-SM_15 Datasheet
804Kb / 14P
   11.3 ??12.3 GHz VCO with Divide by 2
TGV2566-SM TRIQUINT-TGV2566-SM_15 Datasheet
803Kb / 14P
   13.4 ??14.4 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM_15 Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2563-SM TRIQUINT-TGV2563-SM_15 Datasheet
825Kb / 14P
   9.7 ??10.8 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM_15 Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
logo
Hittite Microwave Corpo...
HMC515LP5 HITTITE-HMC515LP5 Datasheet
371Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com