Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGV2561-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGV2561-SM
Description  8.9 - 9.8 GHz VCO with Divide by 2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGV2561-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGV2561-SM Datasheet HTML 1Page - TriQuint Semiconductor TGV2561-SM Datasheet HTML 2Page - TriQuint Semiconductor TGV2561-SM Datasheet HTML 3Page - TriQuint Semiconductor TGV2561-SM Datasheet HTML 4Page - TriQuint Semiconductor TGV2561-SM Datasheet HTML 5Page - TriQuint Semiconductor TGV2561-SM Datasheet HTML 6Page - TriQuint Semiconductor TGV2561-SM Datasheet HTML 7Page - TriQuint Semiconductor TGV2561-SM Datasheet HTML 8Page - TriQuint Semiconductor TGV2561-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TGV2561-SM
8.9 - 9.8 GHz VCO with Divide by 2
Preliminary Datasheet: Rev- 05-14-13
- 3 of 14 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Specifications
Thermal and Reliability Information
Parameter
Condition
Rating
Thermal Resistance, θ
JC, measured to back of package
Tbase = 85 °C
θ
JC = 48 °C/W
Junction Temperature (Tj), and Median Lifetime (Tm)
Tbase = 85 °C
Vcc = 5V Icc = 195mA
Tch = 132 °C
Tm = 4.3 E+7 Hours
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
1.0E+10
1.0E+11
1.0E+12
1.0E+13
1.0E+14
1.0E+15
25
50
75
100
125
150
175
200
Junction Temperature, Tj (°C)
Median Lifetime (Tm) vs. Junction Temperature (Tj)
HBT1


Similar Part No. - TGV2561-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2562-SM TRIQUINT-TGV2562-SM Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2562-SM TRIQUINT-TGV2562-SM_15 Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2563-SM TRIQUINT-TGV2563-SM Datasheet
825Kb / 14P
   9.7 ??10.8 GHz VCO with Divide by 2
TGV2563-SM TRIQUINT-TGV2563-SM_15 Datasheet
825Kb / 14P
   9.7 ??10.8 GHz VCO with Divide by 2
TGV2564-SM TRIQUINT-TGV2564-SM Datasheet
803Kb / 14P
   10.3 ??11.1 GHz VCO with Divide by 2
More results

Similar Description - TGV2561-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2562-SM TRIQUINT-TGV2562-SM_15 Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2564-SM TRIQUINT-TGV2564-SM_15 Datasheet
803Kb / 14P
   10.3 ??11.1 GHz VCO with Divide by 2
TGV2584-SM TRIQUINT-TGV2584-SM_15 Datasheet
805Kb / 14P
   12.6 ??13.8 GHz VCO with Divide by 2
TGV2565-SM TRIQUINT-TGV2565-SM_15 Datasheet
804Kb / 14P
   11.3 ??12.3 GHz VCO with Divide by 2
TGV2566-SM TRIQUINT-TGV2566-SM_15 Datasheet
803Kb / 14P
   13.4 ??14.4 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2539-SM TRIQUINT-TGV2539-SM_15 Datasheet
803Kb / 14P
   10.7 ??11.5 GHz VCO with Divide by 2
TGV2563-SM TRIQUINT-TGV2563-SM_15 Datasheet
825Kb / 14P
   9.7 ??10.8 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM_15 Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B Datasheet
435Kb / 10P
   DIVIDE-BY-2, DIVIDE-BY-4 0.1 - 28 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com