Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQA0005QXDQS Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RQA0005QXDQS
Description  Silicon N-Channel MOS FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0005QXDQS Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RQA0005QXDQS_15 Datasheet HTML 7Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 8Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 9Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 10Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 11Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 12Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 13Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 14Page - Renesas Technology Corp RQA0005QXDQS_15 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RQA0005QXDQS
Rev.1.00 Oct 16, 2006 page 9 of 12
S Parameter
(VDS = 6 V, IDQ = 200 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
100
0.873
-138.5
17.05
105.8
0.035
16.9
0.714
-152.4
150
0.861
-154.0
12.18
96.4
0.036
8.2
0.730
-162.4
200
0.854
-162.2
9.29
90.9
0.036
3.7
0.719
-167.9
250
0.850
-167.3
7.37
86.6
0.035
0.7
0.723
-171.4
300
0.845
-171.0
6.14
83.2
0.035
-1.7
0.742
-173.7
350
0.839
-173.8
5.26
80.2
0.035
-4.2
0.747
-175.3
400
0.837
-176.2
4.58
77.5
0.035
-6.2
0.745
-177.1
450
0.840
-178.0
4.05
74.6
0.035
-8.0
0.744
-178.4
500
0.841
-179.7
3.64
72.0
0.034
-9.9
0.748
-180.0
550
0.840
178.8
3.29
69.6
0.034
-11.5
0.748
178.9
600
0.840
177.4
3.00
67.3
0.034
-12.7
0.750
178.1
650
0.838
176.1
2.76
64.8
0.033
-14.0
0.751
177.3
700
0.838
174.8
2.57
62.5
0.033
-15.4
0.754
176.3
750
0.836
173.5
2.37
60.2
0.033
-17.2
0.759
175.5
800
0.838
172.2
2.22
57.9
0.032
-18.1
0.760
174.6
850
0.841
171.1
2.07
55.7
0.032
-19.5
0.760
173.8
900
0.844
170.0
1.95
53.8
0.031
-20.7
0.764
172.8
950
0.848
169.1
1.84
51.7
0.031
-21.9
0.766
172.1
1000
0.849
168.4
1.73
49.7
0.031
-23.0
0.772
171.2
1050
0.849
167.6
1.64
47.6
0.030
-24.3
0.770
170.7
1100
0.849
166.7
1.56
45.5
0.030
-25.3
0.773
169.6
1150
0.847
165.6
1.48
43.5
0.029
-26.2
0.777
169.0
1200
0.851
164.5
1.41
41.7
0.029
-27.3
0.779
168.0
1250
0.854
163.4
1.35
39.6
0.028
-28.1
0.782
167.2
1300
0.854
162.4
1.28
37.7
0.028
-29.1
0.785
166.6
1350
0.855
161.6
1.22
35.7
0.027
-30.0
0.788
165.6
1400
0.855
160.7
1.17
33.6
0.027
-31.0
0.790
164.9
1450
0.855
159.4
1.12
31.7
0.026
-31.5
0.792
163.9
1500
0.856
158.2
1.07
29.6
0.026
-32.4
0.793
163.2
1550
0.863
156.7
1.03
27.6
0.025
-33.2
0.795
162.2
1600
0.875
155.8
1.00
25.6
0.025
-33.7
0.799
161.4
1650
0.883
154.8
0.96
23.9
0.024
-34.5
0.802
160.5
1700
0.890
154.1
0.93
22.0
0.024
-35.4
0.804
159.5
1750
0.887
153.4
0.90
19.9
0.023
-36.0
0.806
158.4
1800
0.884
152.2
0.87
18.2
0.023
-36.8
0.812
157.4
1850
0.879
151.0
0.84
16.5
0.022
-37.0
0.811
156.7
1900
0.877
149.7
0.81
15.1
0.022
-37.4
0.811
155.4
1950
0.880
148.4
0.79
13.6
0.021
-38.3
0.818
154.4
2000
0.888
147.0
0.76
12.0
0.021
-38.6
0.821
153.5
2050
0.893
145.7
0.74
10.4
0.020
-38.8
0.821
152.5
2100
0.899
144.9
0.71
8.5
0.020
-39.1
0.828
151.2
2150
0.902
143.7
0.69
6.4
0.020
-39.5
0.831
150.4
2200
0.904
142.7
0.67
4.5
0.019
-39.4
0.837
149.6
2250
0.900
141.7
0.64
2.7
0.019
-39.2
0.834
148.7
2300
0.902
140.5
0.62
0.9
0.019
-39.9
0.843
147.4
2350
0.899
139.4
0.61
-1.1
0.018
-40.1
0.843
146.4
2400
0.899
138.2
0.59
-2.9
0.018
-40.1
0.844
145.7
2450
0.904
137.1
0.58
-4.3
0.017
-40.1
0.845
144.7
2500
0.904
136.0
0.56
-6.2
0.017
-40.1
0.847
143.3


Similar Part No. - RQA0005QXDQS_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0005QXDQS RENESAS-RQA0005QXDQS Datasheet
196Kb / 13P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0005QXDQS_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com