Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50-00033 Datasheet(PDF) 1 Page - Tensility International Corp.

Part # 50-00033
Description  Connector, mono jack, 2.5x6.0xL20.8 mm, brass, nickel plated, molding style
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

50-00033 Datasheet(HTML) 1 Page - Tensility International Corp.

  50-00033 Datasheet HTML 1Page - Tensility International Corp. 50-00033 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
rev:
page:
September 4, 2009
A
50-00033
Connector, mono jack, 2.5x6.0xL20.8 mm,
brass, nickel plated, molding style
Materials:
1
brass, nickel-plated, 2μm min.
2
phosphor bronze, nickel-plated, 2μm min.
3
brass, nickel-plated, 2μm min.
4
PBT, black
5
phosphor bronze, nickel-plated, 0.5μm min.
Notes:
RoHS compliant
Mechanical drawing:
1 of 2
Initial
Date
tolerance X: ±0.5 mm
.X: ±0.3 mm
.XX: ±0.05 mm
applicable unless otherwise indicated in specification or on drawings
Units: mm


Similar Part No. - 50-00033

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00030 TENSILITY-50-00030 Datasheet
340Kb / 2P
   Connector, dc plug, 2.35x0.7xL20.8 mm EIAJ-1, molding style, spring contacts
50-00031 TENSILITY-50-00031 Datasheet
351Kb / 2P
   Connector, dc jack, 2.35x0.7xL13 mm, molding style
50-00032 TENSILITY-50-00032 Datasheet
335Kb / 2P
   Connector, mono plug, 2.5xL23 mm, brass, nickel plated, molding style
50-00034 TENSILITY-50-00034 Datasheet
338Kb / 2P
   Connector, stereo plug, 2.5xL24 mm, brass, nickel plated, molding style
50-00035 TENSILITY-50-00035 Datasheet
350Kb / 2P
   Connector, stereo jack, 2.5xL20.6 mm, brass, nickel plated, molding style
More results

Similar Description - 50-00033

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00037 TENSILITY-50-00037 Datasheet
341Kb / 2P
   Connector, mono jack, 3.5x8.0xL24.4 mm, brass, nickel plated, molding style
50-00032 TENSILITY-50-00032 Datasheet
335Kb / 2P
   Connector, mono plug, 2.5xL23 mm, brass, nickel plated, molding style
50-00036 TENSILITY-50-00036 Datasheet
338Kb / 2P
   Connector, mono plug, 3.5xL25.5 mm, brass, nickel plated, molding style
50-00041 TENSILITY-50-00041 Datasheet
351Kb / 3P
   Connector, 4C audio jack, 3.5x7.8xL25.8 mm, brass, nickel plated, molding style, molding style
50-00035 TENSILITY-50-00035 Datasheet
350Kb / 2P
   Connector, stereo jack, 2.5xL20.6 mm, brass, nickel plated, molding style
50-00039 TENSILITY-50-00039 Datasheet
356Kb / 3P
   Connector, stereo jack, 3.5x8.0xL24.4 mm, brass, nickel plated, molding style
50-00124 TENSILITY-50-00124 Datasheet
363Kb / 3P
   Connector, 4C audio jack, 2.5x7.4xL22.6 mm, brass, nickel plated, molding style
50-00040 TENSILITY-50-00040 Datasheet
357Kb / 2P
   Connector, 4C audio jack, 6.0x2.5xL17 mm, brass, nickel plated, molding style
50-00092 TENSILITY-50-00092 Datasheet
344Kb / 2P
   Connector, stereo plug, 2.5xL21.5 mm, brass, nickel plated, molding style
50-00038 TENSILITY-50-00038 Datasheet
342Kb / 2P
   Connector, stereo plug, 3.5xL26.5 mm, brass, nickel plated, molding style
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com