Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT20T Datasheet(PDF) 2 Page - Lumins Inc.

Part # SPT20T
Description  Pulse rated medium base porcelain socket.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SPT20T Datasheet(HTML) 2 Page - Lumins Inc.

  SPT20T Datasheet HTML 1Page - Lumins Inc. SPT20T Datasheet HTML 2Page - Lumins Inc. SPT20T Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APC1 -EPA: 0.12
1” X 3” extruded aluminum side pole mounting adaptor.
APA1 - EPA: 0.2
1 5/8” dia. aluminum shepherd style arm, with two extruded 1”X 3”
aluminum side pole adaptor.
APS1 - EPA: 0.15
1 5/8” dia. aluminum shepherd style arm, with two extruded 1”X 3”
aluminum pole adaptor.
ACA5 -EPA: 0.8
1” X 3” extruded aluminum side pole arm mount. 4” O.D X 30” lg.
post top adaptor with a cast aluminum tenon to fit with a 3 3/4” I.D.
pole. 1/2” dia. stainless steel rod support. Extruded arm and all
other parts are painted same color as Luminaire.
ACW5- Wall mount version with independent cast aluminum
mounting plates.
18”
36”
APS1
30”
25 1/2”
Front view
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
luminaires may be altered for design improvements or discontinued without prior notice.
SPARTACUS
Attachment accessories
L U M I
I
N S
-S
15º swivel ceiling mount with 5/8” dia.X36”lg aluminum stem. luminaire
top adaptor allowing to cut stem to length on site.
(Mounts over a standard 4" octagonal box with 3 1/2" C/C holes)
-T1 -1” x 3” extruded aluminum wall mounting straight adaptor with cast
aluminum cover and galvanized steel mounting plate.
-W1 -1 5/8” Dia. shepherd aluminum arm wall mount, with a cast
aluminum wall cover and galvanized steel mounting plate.
-P - Cast aluminum elliptical curved arm. Refer to corresponding
luminaire specification sheet SPT20 & SPT25 for details.
Typical luminaire
Typical luminaire
36”
-S
Ceiling suspension
adaptor.
ACA5
Side pole mount extender
ACW5
Wall mount extender
Option: BL
Twin mount off set
luminaire installation.
Spartacus SPT20 and SPT25 series may be installed in several
positions along the pole. Please provide information with
desired position as shown above.
1) BL (“x”)
“X”
Dimension
2) (P)-Position
(P) Position: 180º
(P) Position: 90º
EX: SPT20-BL36-90
ACA5
Power supply
17 3/4”
ACW5
APA1
APC1
18”
-W1
Wall mount
shepherd
arm
5 1/8”
5 5/8”
4 5/8”
3”
-T1
Wall mount
General note:
SPT20-SPT25 and SPT50 are
designed as luminaire modules
adaptable to various
installation requirements as a
pole ceiling or wall mount.
Please specify the selected
type of attachment with model
number.
(Refer to page 116 for
additional pole mounting
information.)
Page
115
Typical luminaire
Typical luminaire
18”
36”
Step1:
Select distance between
luminaires as shown(X”)
Step2:
Indicate position of
luminaires at 90º or 180º
Important: consider Additional pole lenght required for BL set
mounting.
P
Pole mount
curved arm
BI-LEVEL MOUNTING


Similar Part No. - SPT20T

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SPT20 LUMINIS-SPT20 Datasheet
201Kb / 3P
   Post top
SPT20-APA LUMINIS-SPT20-APA Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
SPT20-APC LUMINIS-SPT20-APC Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
SPT20-APS LUMINIS-SPT20-APS Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket
logo
Coilcraft lnc.
SPT20L-112ML COILCRAFT-SPT20L-112ML Datasheet
248Kb / 3P
   SMT Power Inductors
More results

Similar Description - SPT20T

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SPT20-APC LUMINIS-SPT20-APC Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
SPT20W LUMINIS-SPT20W Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
SPT20-APS LUMINIS-SPT20-APS Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket
SPT20-APA LUMINIS-SPT20-APA Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
SPT20S LUMINIS-SPT20S Datasheet
201Kb / 3P
   Pulse rated medium base porcelain socket.
logo
Bothhand USA, LP.
TS6123 BOTHHAND-TS6123 Datasheet
30Kb / 1P
   100 BASE PULSE TRANSFORMER
16PT8511 BOTHHAND-16PT8511 Datasheet
50Kb / 1P
   100 BASE PULSE TRANSFORMER
TA250-06BK BOTHHAND-TA250-06BK Datasheet
23Kb / 1P
   10 BASE PULSE TRANSFORMER
TA250-06BJ BOTHHAND-TA250-06BJ Datasheet
23Kb / 1P
   10 BASE PULSE TRANSFORMER
TA250-TR2 BOTHHAND-TA250-TR2 Datasheet
23Kb / 1P
   10 BASE PULSE TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com