Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGV2566-SM Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGV2566-SM
Description  13.4 ??14.4 GHz VCO with Divide by 2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGV2566-SM Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGV2566-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGV2566-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGV2566-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGV2566-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGV2566-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGV2566-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGV2566-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGV2566-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGV2566-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TGV2566-SM
13.4
– 14.4 GHz VCO with Divide by 2
Preliminary Datasheet: Rev- 05-30-13
- 5 of 14 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Typical Performance
5.5
5.75
6
6.25
6.5
6.75
7
7.25
7.5
7.75
8
0
1
2
3
4
5
6
7
8
9
10 11 12 13
Vtune (V)
RFout/2 Frequency vs Tuning Voltage
Vcc = 5V
+85°C
+25°C
-40°C
-100
-95
-90
-85
-80
-75
-70
-65
-60
0
1
2
3
4
5
6
7
8
9
10 11 12 13
Vtune (V)
RFout/2 Phase Noise vs Tuning Voltage
@ 10KHz offset
+85°C
+25°C
-40°C
3
4
5
6
7
8
9
10
11
12
13
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Vtune (V)
RFout/2 Output Power vs Tuning Voltage
Vcc = 5V
+85°C
+25°C
-40°C
-130
-125
-120
-115
-110
-105
-100
-95
-90
0
1
2
3
4
5
6
7
8
9
10 11 12 13
Vtune (V)
RFout/2 Phase Noise vs Tuning Voltage
@ 100KHz offset
+85°C
+25°C
-40°C
30
60
90
120
150
180
210
240
270
300
330
0
1
2
3
4
5
6
7
8
9
10 11 12 13
Vtune (V)
RFout/2 Sensitivity vs Tuning Voltage
Vcc = 5V
+85°C
+25°C
-40°C
-150
-145
-140
-135
-130
-125
-120
-115
-110
0
1
2
3
4
5
6
7
8
9
10 11 12 13
Vtune (V)
RFout/2 Phase Noise vs Tuning Voltage
@ 1MHz offset
+85°C
+25°C
-40°C


Similar Part No. - TGV2566-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2561-SM TRIQUINT-TGV2561-SM Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM_15 Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2562-SM TRIQUINT-TGV2562-SM Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2562-SM TRIQUINT-TGV2562-SM_15 Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2563-SM TRIQUINT-TGV2563-SM Datasheet
825Kb / 14P
   9.7 ??10.8 GHz VCO with Divide by 2
More results

Similar Description - TGV2566-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGV2562-SM TRIQUINT-TGV2562-SM_15 Datasheet
854Kb / 14P
   9.5 ??10.3 GHz VCO with Divide by 2
TGV2564-SM TRIQUINT-TGV2564-SM_15 Datasheet
803Kb / 14P
   10.3 ??11.1 GHz VCO with Divide by 2
TGV2584-SM TRIQUINT-TGV2584-SM_15 Datasheet
805Kb / 14P
   12.6 ??13.8 GHz VCO with Divide by 2
TGV2565-SM TRIQUINT-TGV2565-SM_15 Datasheet
804Kb / 14P
   11.3 ??12.3 GHz VCO with Divide by 2
TGV2561-SM TRIQUINT-TGV2561-SM_15 Datasheet
794Kb / 14P
   8.9 - 9.8 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
TGV2539-SM TRIQUINT-TGV2539-SM_15 Datasheet
803Kb / 14P
   10.7 ??11.5 GHz VCO with Divide by 2
TGV2563-SM TRIQUINT-TGV2563-SM_15 Datasheet
825Kb / 14P
   9.7 ??10.8 GHz VCO with Divide by 2
TGV2529-SM TRIQUINT-TGV2529-SM_15 Datasheet
861Kb / 14P
   12.5 ??13.5 GHz VCO with Divide by 2
logo
Hittite Microwave Corpo...
HMC529LP5 HITTITE-HMC529LP5 Datasheet
370Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com