Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQC0015 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQC0015
Description  High Isolation, Absorptive SPDT Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQC0015 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQC0015 Datasheet HTML 1Page - TriQuint Semiconductor TQC0015 Datasheet HTML 2Page - TriQuint Semiconductor TQC0015 Datasheet HTML 3Page - TriQuint Semiconductor TQC0015 Datasheet HTML 4Page - TriQuint Semiconductor TQC0015 Datasheet HTML 5Page - TriQuint Semiconductor TQC0015 Datasheet HTML 6Page - TriQuint Semiconductor TQC0015 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TQC0015
High Isolation, Absorptive SPDT Switch
TQC0015-PCB Evaluation Board
J6
J4
U1
C1
C3
C5
C6
J5
J9
J2
RF
Output 2
J4 V
DD
J1
RF
Input
Backside
Paddle
C2
C4
C3
J3
RF
Output 1
C1
R1
J5 V
CTRL
J6 GND
J7
RF
Input
C6
J8
RF
Output
C5
PCB Loss Calibration Line
U1
C7
7
8
6
5
14
13
15
16
1
2
3
4
V
CTRL
RFC
NC
V
DD
GND
GND
RF1
RF2
NC
NC
NC
NC
V
EN
NC
NC
NC
12
11
10
9
Controller
J9
TriQuint PCB 1084809 Material and Stack-up
1 oz. Cu bottom layer
Nelco N-4000-13
Core
Nelco N-4000-13
ε
r=3.7 typ.
1 oz. Cu top layer
1 oz. Cu inner layer
1 oz. Cu inner layer
0.014"
0.014"
0.062" ± 0.006"
Finished Board
Thickness
50 ohm line dimensions: Width = .021”
Spacing = .006
Bill of Material – TQC0015-PCB
Reference Des.
Value
Description
Manuf.
Part Number
n/A
n/A
Printed Circuit Board
TriQuint
1084809 Rev. 3
U1
n/A
SPDT Switch
TriQuint
TQC0015
C1
 – C6
100 pF
Cap., 0402, 5%, 50V, NPO/COG
various
C7
3 pF
Cap., 0402, +/-0.25pF, 50V, NPO/COG
various
R1
0 Ω
Jumper, 0402
various
J4, J5, J6 , J9
n/A
Solder Turret
Mill Max
2533-0-00-44-00-00-07-0
J1, J2, J3, J7, J8
n/A
Conn, RF, SMA F STRT, .062 PCB
Radiall Inc.
9602-1111-018
Data Sheet Rev. H 09-17-14
- 3 of 7 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQC0015

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
TQC9112 TRIQUINT-TQC9112 Datasheet
276Kb / 1P
   GSM/WCDMA/LTE 10-Linear Throw SP12T GPIO Antenna
TQC9112 TRIQUINT-TQC9112_15 Datasheet
276Kb / 1P
   GSM/WCDMA/LTE 10-Linear Throw SP12T GPIO Antenna
TQC9305 TRIQUINT-TQC9305 Datasheet
880Kb / 9P
   0.7-3.6 GHz Digital Variable Gain Amplifier
More results

Similar Description - TQC0015

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
   Absorptive High Isolation SPDT Switch
logo
TriQuint Semiconductor
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
   High Isolation Absorptive SPDT Switch
logo
RF Micro Devices
RF3025 RFMD-RF3025 Datasheet
1,021Kb / 6P
   SPDT, HIGH ISOLATION, SINGLE CONTROL, ABSORPTIVE SWITCH
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF_09 Datasheet
782Kb / 9P
   0.1-6.0 GHz High Isolation SPDT Absorptive Switch
logo
Filtronic Compound Semi...
FMS2013 FILTRONIC-FMS2013 Datasheet
197Kb / 5P
   SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
logo
Skyworks Solutions Inc.
SKY13372-467LF SKYWORKS-SKY13372-467LF Datasheet
760Kb / 9P
   0.1 to 6.0 GHz High-Isolation SPDT Absorptive Switch
logo
Sony Corporation
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
   High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF Datasheet
551Kb / 5P
   GaAs High Isolation SPDT Absorptive Switch 100 MHz-6 GHz
logo
TriQuint Semiconductor
TQP4M0013 TRIQUINT-TQP4M0013_15 Datasheet
471Kb / 6P
   High Isolation Absorptive SPST Switch
logo
Honeywell Solid State E...
HRF-SW1001 HONEYWELL-HRF-SW1001 Datasheet
64Kb / 6P
   SPDT Absorptive RF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com