Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQC9312 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQC9312
Description  3.3 ??3.8 GHz W Digital Variable Gain Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQC9312 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQC9312_15 Datasheet HTML 1Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 2Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 3Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 4Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 5Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 6Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 7Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 8Page - TriQuint Semiconductor TQC9312_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TQC9312
3.3 – 3.8 GHz ½
 W Digital Variable Gain Amplifier
28-pin 6x6 mm leadless SMT package
Applications
• 3G / 4G Wireless Infrastructure
• Repeaters
• Small cells
Ordering Information
Part No.
Description
TQC9312
3.3-3.8 GHz DVGA
TQC9312-PCB
Fully Assembled Evaluation Board
Includes USB control board
Standard T/R size = 2500 pieces on a 13” reel.
General Description
The TQC9312 is a digital variable gain amplifier (DVGA)
featuring high linearity over the entire gain control range.
This amplifier module integrates two gain blocks, a
digital-step attenuator (DSA), and a high linearity ½ W
amplifier. The module
has the added feature
of
integrating all matching components, bias chokes and
blocking capacitors. The internal 6-bit DSA provides a
31.5 dB gain control range in 0.5 dB steps, and is
controlled with a serial periphery interface (SPITM).
The TQC9312 features variable gain from 9 dB to 40dB
at 3.5 GHz, +44.5 dBm output IP3, and +27.8 dBm
P1dB. The module operates from a single +5V supply
and is available in a compact 28-pin 6x6 mm leadless
SMT package.
The TQC9312 is pin compatible with the TQM879008
(1.5-2.7GHz, 0.5W
P1dB) and TQM879006A (1.4-
2.7GHz, 0.25W P1dB). This allows one to size the right
type of device for specific system level requirements as
well as making the DVGA family ideal for applications
where a common PCB layout is used for different
frequency bands.
Functional Block Diagram
LE
DATA
CLK
NC
GND
RFIN
GND
1
2
3
4
5
6
7
21
20
19
18
17
16
15
GND
GND
GND
GND
GND
RFOUT
GND
DSA
AMP1
Backside Pad
GND
S
P
I
DC Biasing
Matching
DC Biasing
AMP3
AMP2
Matching
Product Features
• 3.3 – 3.8 GHz Frequency Range
• 40 dB Gain (min attenuation state) at 3.5 GHz
• 31.5 dB Gain Range in 0.5 dB Steps
• +44.5 dBm Output IP3
• +27.8 dBm Output P1dB
• Fully Internally Matched Module
• Integrated Blocking Capacitors, Bias Inductors
• 3-wire SPITM Control Programming
Pin Configuration
Pin No.
Label
1
LE
2
DATA
3
CLK
4, 22
NC
6
RFIN
8
VCC_AMP1
 / AMP2
14
VCC_AMP3
16
RFOUT
28
VCC_SPI
5, 7, 9-13, 15,17-21, 22-27
GND
Backside Pad
GND
Datasheet: Rev C 12-04-1
- 1 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQC9312_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQC9311 TRIQUINT-TQC9311 Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
TQC9311-PCB TRIQUINT-TQC9311-PCB Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
TQC9311 TRIQUINT-TQC9311_15 Datasheet
582Kb / 9P
   0.4-3.6 GHz Dual Channel DVGA
More results

Similar Description - TQC9312_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA1008 TRIQUINT-QPA1008 Datasheet
1Mb / 19P
   2.7 ??3.8 GHz Variable Gain Driver Amplifier
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM879008 QORVO-TQM879008 Datasheet
745Kb / 10P
   1.4-2.7 GHz 1/2 W Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com