Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQL9042 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TQL9042
Description  500 ??2000 MHz Bypass LNA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQL9042 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TQL9042 Datasheet HTML 1Page - TriQuint Semiconductor TQL9042 Datasheet HTML 2Page - TriQuint Semiconductor TQL9042 Datasheet HTML 3Page - TriQuint Semiconductor TQL9042 Datasheet HTML 4Page - TriQuint Semiconductor TQL9042 Datasheet HTML 5Page - TriQuint Semiconductor TQL9042 Datasheet HTML 6Page - TriQuint Semiconductor TQL9042 Datasheet HTML 7Page - TriQuint Semiconductor TQL9042 Datasheet HTML 8Page - TriQuint Semiconductor TQL9042 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TQL9042
500
– 2000 MHz Bypass LNA
Datasheet: Rev. E 03-19-15
- 6 of 9 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
Switching Speed
Switching Speed Measurement on TQS Application Board
Transition
Measurements
Units
Bypass to LNA mode (50% V1/V2
– 10% RF)
926
ns
LNA to Bypass mode (50% V1/V2
– 90% RF)
55.5
ns
Bypass to LNA mode (50% V1/V2
– 10% RF)
LNA to Bypass mode (50% V1/V2
– 90% RF)
RF Signal
Control Signal
Control Signal
RF Signal
Freq = 900 MHz
FM = 1 kHz
Pout = 5 dBm
Freq = 900 MHz
FM = 1 kHz
Pout = 5 dBm


Similar Part No. - TQL9042

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9043 TRIQUINT-TQL9043 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
TQL9044 TRIQUINT-TQL9044 Datasheet
554Kb / 8P
   1500 to 4000 MHz Bypass LNA
TQL9044 TRIQUINT-TQL9044_15 Datasheet
554Kb / 8P
   1500 to 4000 MHz Bypass LNA
TQL9047 TRIQUINT-TQL9047 Datasheet
599Kb / 13P
   High Linearity Gain Block
More results

Similar Description - TQL9042

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQL9043 TRIQUINT-TQL9043_15 Datasheet
512Kb / 10P
   1500 to 2700 MHz Bypass LNA
TQL9044 TRIQUINT-TQL9044_15 Datasheet
554Kb / 8P
   1500 to 4000 MHz Bypass LNA
logo
Tyco Electronics
MADCSM0012 MACOM-MADCSM0012 Datasheet
202Kb / 6P
   PCS LNA / Downconverter 1800-2000 MHz
logo
TriQuint Semiconductor
TQP3M6005 TRIQUINT-TQP3M6005 Datasheet
414Kb / 7P
   Mid Band Dual LNA (1700-2000 MHz)
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9095 QORVO-QPL9095 Datasheet
976Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 21, 2020
logo
Teledyne Technologies I...
UTOUTC2052 TELEDYNE-UTOUTC2052 Datasheet
186Kb / 6P
   Thin-Film Cascadable Amplifier 500 to 2000 MHz
logo
Stealth Microwave, Inc.
SM0520-36 STEALTH_MICROWAVE-SM0520-36 Datasheet
93Kb / 3P
   500-2000 MHz 4 Watt Linear Power Amplifier
logo
TriQuint Semiconductor
QPL9095 TRIQUINT-QPL9095 Datasheet
837Kb / 8P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9098 QORVO-QPL9098 Datasheet
2Mb / 17P
   Ultra-Low Noise, Bypass LNA
July 25, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com